Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 4 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 4 Page - EPCOS

  B722 Datasheet HTML 1Page - EPCOS B722 Datasheet HTML 2Page - EPCOS B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Characteristics (TA = 25
°C)
Ordering code
Vv
(1 mA)
V
∆V
v
(1 mA)
%
vc,max
(ic)
V
ic
A
Ctyp
(1 kHz)
pF
VRMS = 75 V
B72240B0750K001
120
±10
220
300
11000
VRMS = 130 V
B72232B0131K001
205
±10
340
200
4400
B72240B0131K001
205
±10
340
300
5600
B72260B0131K001
205
±10
340
500
15000
B72280B0131K001
205
±10
340
800
28000
VRMS = 150 V
B72232B0151K001
240
±10
395
200
3700
B72240B0151K001
240
±10
395
300
4800
B72260B0151K001
240
±10
395
500
12000
B72280B0151K001
240
±10
395
800
23000
VRMS = 230 V
B72232B0231K001
360
±10
595
200
2500
B72240B0231K001
360
±10
595
300
3200
B72260B0231K001
360
±10
595
500
7900
B72280B0231K001
360
±10
595
800
16000
VRMS = 250 V
B72232B0251K001
390
±10
650
200
2200
B72240B0251K001
390
±10
650
300
2900
B72260B0251K001
390
±10
650
500
7100
B72280B0251K001
390
±10
650
800
14000
VRMS = 275 V
B72232B0271K001
430
±10
710
200
2000
B72240B0271K001
430
±10
710
300
2700
B72260B0271K001
430
±10
710
500
6600
B72280B0271K001
430
±10
710
800
13000
VRMS = 320 V
B72232B0321K001
510
±10
840
200
1700
B72240B0321K001
510
±10
840
300
2300
B72260B0321K001
510
±10
840
500
5600
B72280B0321K001
510
±10
840
800
11000
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Block varistors
B722*
HighE series
Page 4 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com