Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 5 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 5 Page - EPCOS

  B722 Datasheet HTML 1Page - EPCOS B722 Datasheet HTML 2Page - EPCOS B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical specifications and ordering codes
Maximum ratings (TA = 85
°C)
Ordering code
Type
SIOV-
VRMS
V
VDC
V
imax
(8/20 µs)
A
Wmax
(2 ms)
J
Pmax
W
VRMS = 385 V
B72232B0381K001
B32K385
385
505
25000
550
1.2
B72240B0381K001
B40K385
385
505
40000
800
1.4
B72260B0381K001
B60K385
385
505
70000
1200
1.6
B72280B0381K001
B80K385
385
505
100000
2000
2.0
VRMS = 420 V
B72232B0421K001
B32K420
420
560
25000
600
1.2
B72240B0421K001
B40K420
420
560
40000
910
1.4
B72260B0421K001
B60K420
420
560
70000
1500
1.6
B72280B0421K001
B80K420
420
560
100000
2200
2.0
VRMS = 440 V
B72232B0441K001
B32K440
440
585
25000
630
1.2
B72240B0441K001
B40K440
440
585
40000
950
1.4
B72260B0441K001
B60K440
440
585
70000
1580
1.6
B72280B0441K001
B80K440
440
585
100000
2350
2.0
VRMS = 460 V
B72232B0461K001
B32K460
460
615
25000
660
1.2
B72240B0461K001
B40K460
460
615
40000
1000
1.4
B72260B0461K001
B60K460
460
615
70000
1650
1.6
B72280B0461K001
B80K460
460
615
100000
2500
2.0
VRMS = 550 V
B72232B0551K001
B32K550
550
745
25000
620
1.2
B72240B0551K001
B40K550
550
745
40000
960
1.4
B72260B0551K001
B60K550
550
745
70000
1500
1.6
B72280B0551K001
B80K550
550
745
100000
3100
2.0
VRMS = 680 V
B72232B0681K001
B32K680
680
895
25000
760
1.2
B72240B0681K001
B40K680
680
895
40000
1100
1.4
B72260B0681K001
B60K680
680
895
70000
1800
1.6
B72280B0681K001
B80K680
680
895
100000
3600
2.0
Varistor elements without plastic housing (suitable for soldering) are available upon request.
Block varistors
B722*
HighE series
Page 5 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com