Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B722 Datasheet(PDF) 2 Page - EPCOS

Part # B722
Description  SIOV metal oxide varistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B722 Datasheet(HTML) 2 Page - EPCOS

  B722 Datasheet HTML 1Page - EPCOS B722 Datasheet HTML 2Page - EPCOS B722 Datasheet HTML 3Page - EPCOS B722 Datasheet HTML 4Page - EPCOS B722 Datasheet HTML 5Page - EPCOS B722 Datasheet HTML 6Page - EPCOS B722 Datasheet HTML 7Page - EPCOS B722 Datasheet HTML 8Page - EPCOS B722 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Construction
Disk-shaped varistor element,
potted in plastic housing
Housing and potting flame-retardant to UL 94 V-0
Screw terminals M4 (SIOV-B32 … 40)
Screw terminals M5 (SIOV-B60 … 80)
Features
Heavy-duty varistors (surge current capability up to 100 kA)
Wide operating voltage range 75 … 1100 VRMS
SIOV-B40 also available without housing (LS40 series)
PSpice models
Approvals
UL
CSA (
≥ K130)
Delivery mode
Cardboard box
General technical data
Climatic category
to IEC 60068-1
40/85/56
Operating temperature
to CECC 42 000
40 ... + 85
°C
Storage temperature
40 ... +110
°C
Electric strength
to CECC 42 000
≥ 2.5
kVRMS
Insulation resistance
to CECC 42 000
≥ 10
M
Ω
Response time
< 25
ns
Maximum torque for
B32 and B40 types
1.0
Nm
Maximum torque for
B60 and B80 types
2.5
Nm
Block varistors
B722*
HighE series
Page 2 of 22
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com