Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Analog Integrated Circuit Device Data
18
Freescale Semiconductor
33982
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Figure 9. Functional Internal Block Diagram
POWER SUPPLY
The 33982 is designed to operate from 4.0 V to 28 V on the VPWR pin. Characteristics are provided from 6.0 V to 20 V for the device. The
VPWR pin supplies power to internal regulator, analog, and logic circuit blocks. The VDD supply is used for serial peripheral interface (SPI)
communication in order to configure and diagnose the device. This IC architecture provides a low quiescent current sleep mode. Applying
VPWR and VDD to the device places the device in the Normal mode. The device transits to Fail-safe mode in case of failures on the SPI
(watchdog timeout).
HIGH-SIDE SWITCH: HS
This pin is the high-side output controlling multiple automotive loads with high inrush current, as well as motors and all types of resistive
and inductive loads. This N-channel MOSFET with a 2.0 m
RDS(on), is self-protected and presents extended diagnostics to detect load
disconnections and short-circuit fault conditions. The HS output is actively clamped during a turn-off of inductive loads.
MCU INTERFACE AND OUTPUT CONTROL
In Normal mode, the load is controlled directly from the MCU through the SPI. With a dedicated SPI command, it is possible to
independently turn on and off several loads that are PWMed at the same frequency, and duty cycles with only one PWM signal. An analog
feedback output provides a current proportional to the load current. The SPI is used to configure and to read the diagnostic status (faults)
of high-side output. The reported fault conditions are: open load, short-circuit to ground (OCLO-resistive and OCHI-severe short-circuit),
thermal shutdown, and under/overvoltage.
In Fail-safe mode, the load is controlled with dedicated parallel input pins. The device is configured in default mode.
MCU Interface and Output Control
MC33982 - Functional Block Diagram
Power Supply
Self-protected
High-side Switch
HS
Parallel Control Inputs
Power Supply
MCU Interface and Output Control
SPI Interface
High-side Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com