Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
Analog Integrated Circuit Device Data
36
Freescale Semiconductor
33982
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
10.0
2/2006
• Implemented Revision History page
• Deletion of MC33982 part number, replaced with MC33982B.
11.0
5/2006
• Corrected Pin Connections to the proper case outline
• Added final sentence to Open Load Fault (Non-Latching)
• Corrected heading labels on Input Timing Switching Characteristics
• Changed labels in the Typical Applications drawing
• Corrected Package Dimensions to Revision C
• Added Thermal Addendum (Rev 4.0).
12.0
1/2007
• Added RoHS logo to the data sheet
13.0
7/2007
• Added Functional Internal Block Description
• Minor corrections to Serial Output Bit Map Descriptions and Device Behavior in Case of Undervoltage
14.0
6/2008
• Changed the labeling header on Dynamic Electrical Characteristics from 150 to 125 degrees C
• Updated Freescale form and style
15.0
7/2009
• Added Current Sense Leakage to Static Electrical Characteristics table (Table 3).
16.0
10/2009
• Added MC33982C to the ordering information
• Added a Device Variations table
17.0
5/2012
• Removed MC33982BPNA
• Updated orderable part number from MC33982CPNA to MC33982CHFK
• Updated (7)
• Updated Soldering Information
• Updated Freescale form and style
18.0
10/2012
• Made limit changes to Dynamic Electrical Characteristics min, typ, and max.
9/2014
• Corrected Orderable Part number information.
• Updated Freescale form and style
• Updated back page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com