Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33982
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The 33982 is a self-protected silicon 2.0 m
 high-side switch used to replace electromechanical relays, fuses, and discrete devices in
power management applications. The 33982 is designed for harsh environments, including self-recovery features. The device is suitable
for loads with high inrush current, as well as motors and all types of resistive and inductive loads.
Programming, control, and diagnostics are implemented via the Serial Peripheral Interface (SPI). A dedicated parallel input is available
for alternate and pulse width modulation (PWM) control of the output. SPI programmable fault trip thresholds allow the device to be
adjusted for optimal performance in the application.
The 33982 is packaged in a power-enhanced 12 mm x 12 mm non-leaded PQFN package with exposed tabs.
FUNCTIONAL PIN DESCRIPTION
OUTPUT CURRENT MONITORING (CSNS)
The CSNS pin outputs a current proportional to the high-side output current and used externally to generate a ground-referenced voltage
for the microcontroller to monitor output current.
WAKE (WAKE)
This pin is used to input a logic [1] signal in order to enable the watchdog timer function. An internal clamp protects this pin from high
damaging voltages when the output is current limited with an external resistor. This input has a passive internal pull-down.
RESET (RST)
This input pin is used to initialize the device configuration and fault registers, as well as place the device in a low-current sleep mode. The
pin also starts the watchdog timer when transitioning from logic LOW to logic HIGH. This pin should not be allowed to be logic High until
VDD is in regulation. This pin has a passive internal pull-down.
DIRECT IN (IN)
The Input pin is used to directly control the output. This input has an active internal pull-down current source and requires CMOS logic
levels. This input may be configured via the SPI.
FAULT STATUS (FS)
This is an open drain configured output requiring an external pull-up resistor to VDD for fault reporting. When a device fault condition is
detected, this pin is active LOW. Specific device diagnostic faults are reported via the SPI SO pin.
FAIL-SAFE INPUT (FSI)
The value of the resistance connected between this pin and ground determines the state of the output after a watchdog timeout occurs.
Depending on the resistance value, either the output is OFF or ON. When the FSI pin is connected to GND, the watchdog circuit and Fail-
safe operation are disabled. This pin incorporates an active internal pull-up current source.
CHIP SELECT (CS)
This input pin is connected to a chip select output of a master microcontroller (MCU). The MCU determines which device is addressed
(selected) to receive data by pulling the CS pin of the selected device logic Low, enabling SPI communication with the device. Other
unselected devices on the serial link having their CS pins pulled up logic High disregard the SPI communication data sent. This pin
incorporates an active internal pull-up current source.
SERIAL CLOCK (SCLK)
This input pin is connected to the MCU providing the required bit shift clock for SPI communication. It transitions one time per bit transferred
at an operating frequency, fSPI, defined by the communication interface. The 50 percent duty cycle CMOS-level serial clock signal is idle
between command transfers. The signal is used to shift data into and out of the device. This input has an active internal pull-down current
source.
SERIAL INTERFACE (SI)
This is a command data input pin connected to the SPI Serial Data Output of the MCU or to the SO pin of the previous device in a daisy
chain of devices. The input requires CMOS logic level signals and incorporates an active internal pull-down current source. Device control
is facilitated by the input's receiving the MSB first of a serial 8-bit control command. The MCU ensures data is available upon the falling
edge of SCLK. The logic state of SI present upon the rising edge of SCLK loads that bit command into the internal command shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com