Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Analog Integrated Circuit Device Data
32
Freescale Semiconductor
33982
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 4.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 4.0)
Introduction
This thermal addendum is provided as a supplement to the 33982 technical datasheet. The
addendum provides thermal performance information that may be critical in the design and
development of system applications. All electrical, application, and packaging information
is provided in the datasheet.
Packaging and Thermal Considerations
This package is a dual die package. There are two heat sources in the package
independently heating with P1 and P2. This results in two junction temperatures, TJ1 and
TJ2, and a thermal resistance matrix with RJAmn.
For m, n = 1, RJA11 is the thermal resistance from Junction 1 to the reference temperature
while only heat source 1 is heating with P1.
For m = 1, n = 2, RJA12 is the thermal resistance from Junction 1 to the reference
temperature while heat source 2 is heating with P2. This applies to RJ21 and RJ22,
respectively.
The stated values are solely for a thermal performance comparison of one package to another in a standardized environment. This
methodology is not meant to and does not predict the performance of a package in an application-specific environment. Stated values
were obtained by measurement and simulation according to the standards listed below.
Standards
High-side Switch
33982
98ARL10521D
16-PIN PQFN
12 mm x 12 mm
Note For package dimensions, refer to
98ARL10521D.
TJ1
TJ2
=
RJA11
RJA21
RJA12
RJA22
.
P1
P2
Table 19. Thermal Performance Comparison
Thermal
Resistance
1 = Power Chip, 2 = Logic Chip [
C/W]
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RJAmn
(1), (2)
20
16
39
RJBmn
(2), (3)
62.0
26
RJAmn
(1), (4)
53
40
73
RJCmn (5)
<0.5
0.0
1.0
Notes:
1.
Per JEDEC JESD51-2 at natural convection, still air condition.
2.
2s2p thermal test board per JEDEC JESD51-7and
JESD51-5.
3.
Per JEDEC JESD51-8, with the board temperature on the center trace near the
power outputs.
4.
Single layer thermal test board per JEDEC JESD51-3 and JESD51-5.
5.
Thermal resistance between the die junction and the exposed pad, “infinite” heat
sink attached to exposed pad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com