Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
21
33982
FUNCTIONAL DEVICE OPERATION
PROTECTION AND DIAGNOSTIC FEATURES
If the load current level ever reaches the selected overcurrent low detection level and the overcurrent condition exceeds the programmed
overcurrent time period (tOCx), the device latches the output OFF.
If at any time the current reaches the selected IOCH level, then the device immediately latches the fault and turn OFF the output, regardless
of the selected tOCL driver. For both cases, the device output stays off indefinitely until the device is commanded OFF and then ON again.
REVERSE BATTERY
The output survives the application of reverse voltage as low as -16 V. Under these conditions, the output’s gate is enhanced to keep the
junction temperature less than 150 °C. The ON resistance of the output is fairly similar to that in the Normal mode. No additional passive
components are required.
GROUND DISCONNECT PROTECTION
In the event the 33982 ground is disconnected from load ground, the device protects itself and safely turns OFF the output regardless the
state of the output at the time of disconnection. A 10 k
 resistor needs to be added between the WAKE pin and the rest of the circuitry in
order to ensure that the device turns off in case of a ground disconnect and to prevent this pin to exceed its maximum ratings.
Table 8. Device Behavior in Case of Undervoltage
High-side
Switch (VPWR
Battery
Voltage)

State
UV Enable
IN = 0
(Falling VPWR)
UV Enable
IN = 0
(Rising VPWR)
UV Enable
IN
 = 1
(Falling VPWR)
UV Enable
IN
 = 1
(Rising VPWR)
UV Disable
IN = 0
(Falling or Rising
VPWR)
UV Disable
IN
 = 1
(Falling or Rising
VPWR)
VPWR >
VPWRUV
Output State
OFF
OFF
ON
OFF
OFF
ON
FS State
1
1
1
0
1
1
SPI Fault
Register UVF Bit
0
1 until next read
0
1
0
0
VPWRUV >
VPWR > UVPOR
Output State
OFF
OFF
OFF
OFF
OFF
ON
FS State
0
0
0
0
1
1
SPI Fault
Register UVF Bit
1
1
1
1
0
0
UVPOR > VPWR
> 2.5 V
Output State
OFF
OFF
OFF
OFF
OFF
ON
FS State
1
1
1
1
1
1
SPI Fault
Register UVF Bit 1 until next read
1
1 until next read
1 until next read
0
0
2.5 V > VPWR >
0 V
Output State
OFF
OFF
OFF
OFF
OFF
OFF
FS State
1
1
1
1
1
1
SPI Fault
Register UVF Bit 1 until next read
1 until next read
1 until next read
1 until next read
0
0
Comments
UV fault is not
latched
UV fault is not
latched
UV fault is latched
 Typical value; not guaranteed
 While VDD remains within specified range.
= IN is equivalent to IN direct input or IN_spi SPI input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com