Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33982 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # 33982
Description  Single Intelligent High-current Self protected High-side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33982 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button 33982 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 23Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33982 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
Analog Integrated Circuit Device Data
24
Freescale Semiconductor
33982
FUNCTIONAL DEVICE OPERATION
LOGIC COMMANDS AND REGISTERS
DEVICE REGISTER ADDRESSING
The following section describes the possible register addresses and their impact on device operation.
Address x000—Status Register (STATR)
The STATR register is used to read the device status and the various configuration register contents without disrupting the device
operation or the register contents. The register bits D2, D1, and D0 determine the content of the first eight bits of SO data. In addition to
the device status, this feature provides the ability to read the content of the OCR, SOCHLR, CDTOLR, DICR, OSDR, WDR, NAR, and
UOVR registers. (Refer to the section entitled Serial Output Communication (Device Status Return Data) beginning on page 26.)
Address x001—Output Control Register (OCR)
The OCR register allows the MCU to control the output through the SPI. Incoming message bit D0 (IN_SPI) reflects the desired states of
the high-side output: a logic [1] enables the output switch and a logic [0] turns it OFF. A logic [1] on message bit D1 enables the Current
Sense (CSNS) pin. Bits D2 and D3 must be logic [0]. Bit D7 is used to feed the watchdog if enabled.
Address x010—Select Overcurrent High and Low Register (SOCHLR)
The SOCHLR register allows the MCU to configure the output overcurrent low and high detection levels, respectively. In addition to
protecting the device, this slow blow fuse emulation feature can be used to optimize the load requirements to match system characteristics.
Bits D2:D0 are used to set the overcurrent low detection level to one of eight possible levels as defined in Table 11. Bit D3 is used to set
the overcurrent high detection level to one of two levels as defined in Table 12.
Address x011—Current Detection Time and Open Load Register (CDTOLR)
The CDTOLR register is used by the MCU to determine the amount of time the device allows an overcurrent low condition before output
latches OFF occurs. Bits D1 and D0 allow the MCU to select one of four fault blanking times defined in Table 13. Note that these timeouts
apply only to the overcurrent low detection levels. If the selected overcurrent high level is reached, the device latchs off within 20
s.
A logic [1] on bit D2 disables the overcurrent low (CD_dis) detection timeout feature. A logic [1] on bit D3 disables the open load (OL)
detection feature.
Table 11. Overcurrent Low Detection Levels
SOCL2 (D2) SOCL1 (D1) SOCL0 (D0)
Overcurrent Low Detection (Amperes)
0
0
0
50
0
0
1
45
0
1
0
40
0
1
1
35
1
0
0
30
1
0
1
25
1
1
0
20
1
1
1
15
Table 12. Overcurrent High Detection Levels
SOCH (D3)
Overcurrent High Detection (Amperes)
0
150
1
100
Table 13. Overcurrent Low Detection Blanking Time
OCLT[1:0]
Timing
00
155 ms
01
10 ms
10
1.2 ms
11
150
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com