Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88320 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 9Page - Qorvo, Inc ACT88320 Datasheet HTML 10Page - Qorvo, Inc ACT88320 Datasheet HTML 11Page - Qorvo, Inc ACT88320 Datasheet HTML 12Page - Qorvo, Inc ACT88320 Datasheet HTML 13Page - Qorvo, Inc ACT88320 Datasheet HTML 14Page - Qorvo, Inc ACT88320 Datasheet HTML 15Page - Qorvo, Inc ACT88320 Datasheet HTML 16Page - Qorvo, Inc ACT88320 Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
13 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
INTERNAL STEP-DOWN DC/DC ELECTRICAL CHARACTERISTICS REGULATOR:
(BUCK1) – BYPASS MODE
(VIN = 3.3V, TA = 25°C, unless otherwise specified.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage for By-Pass Mode
2.7
3.3
3.7
V
PMOS On-Resistance
ISW = -1A, VIN = 3.3V, Max=125°C at TJunction
0.04
0.06
Ω
Internal PMOS Current Detection
Triggers Interrupt on IRQ Pin
3.0
3.5
4.0
A
Internal PMOS Current Detection
Deglitch Time
10
µs
Internal PMOS Current Shutdown
Shuts down after deglitch time and stays off for Off-Time
5.0
5.6
6.2
A
Internal PMOS Current Shutdown
Deglitch Time
5
µs
Internal PMOS Current Shutdown
Off-Time (Retry time)
14
ms
Internal PMOS Soft start
VIN = 3.3V Input, Cout = 47uF, Default setting
ISS[1:0] = 00
500
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com