Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88320 Datasheet(PDF) 21 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 21 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 17Page - Qorvo, Inc ACT88320 Datasheet HTML 18Page - Qorvo, Inc ACT88320 Datasheet HTML 19Page - Qorvo, Inc ACT88320 Datasheet HTML 20Page - Qorvo, Inc ACT88320 Datasheet HTML 21Page - Qorvo, Inc ACT88320 Datasheet HTML 22Page - Qorvo, Inc ACT88320 Datasheet HTML 23Page - Qorvo, Inc ACT88320 Datasheet HTML 24Page - Qorvo, Inc ACT88320 Datasheet HTML 25Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
21 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Table 2. DPSLP Mode with Truth Table
THERMAL State
In the THERMAL state the chip has exceeded the
thermal shutdown temperature. To protect the device,
all the regulators are shut down and the reset pins are
asserted low. This state can be disabled by setting
register 0x01h bit5 (TMSK) = 1. TMSK prevents the
interrupt from going active, but does not prevent the IC
from entering the THERMAL State.
OVUV FAULT State
In the OVUV FAULT state one of the regulators has
exceed an OV level at any time or UV level after the soft
start ramp has completed. All regulators shutdown and
all three reset outputs are asserted low when the IC
enters OVUVFLT state. The OVUVFLT state is timed to
retry after 100ms and enter the ACTIVE state. If the OV
or UV condition still exists in the ACTIVE state the IC
returns back to the OVUVFLT state. The cycle
continues until the OV or UV fault is removed or the
input power is removed. This state can be disabled by
setting the DIS_OVUV_SHUTDOWN bit high. The IC
does not directly enter OVUVFLT in an overcurrent
condition, but does enter this state due to the resulting
UV condition.
Each regulator has an undervoltage fault mask and an
overvoltage fault mask. If the UV or OV fault mask is
active, nIRQ is not asserted in the fault condition. Even
though the fault is masked, the system can still read
each regulators UV and OV. Even though the fault is
masked, the IC still enters the OVUV Fault state.
Startup/Shutdown
The IC automatically transitions from the RESET state
to the POWER SEQUENCE START state when input
power is applied. The IC then transitions to either the
POWER ON, SLEEP, or DPSLP state depending on the
status of the inputs in Tables 1 and 2. A typical startup
profile is for the system to automatically transition from
RESET to POWER ON when input power is applied.
The typical shutdown sequence is for the system to pull
PWREN low to enter DPSLP.
Sequencing
The ACT88320 provides the end user with extremely
versatile sequencing capability that can be optimized for
many different applications. Each of the five outputs has
four basic sequencing parameters: input trigger, turn-on
delay, turn-off delay, and output voltage. The buck
converters also have softstart time control. Each of
these parameters is controlled via the ICs internal
registers. As an example, the ACT88320QI101-T
sequencing and output voltages are optimized for the
Silicon Motion SM2258 and SM2259 processors. The
specifics for this IC as well as others are detailed at the
end of the datasheet. Contact sales@active-semi.com
for custom sequencing configurations. Refer to the
Active-Semi Application Note AN-109, ACT88320Q101
Register Definitions, for full details on the I2C register
map functionality and programming ranges.
Input trigger. The input trigger for a regulator is the
event that turns that regulator on. Each output can have
a separate input trigger. The input trigger can be the
internal power ok (POK) signal from one of the other
regulators, the internal VIN POK signal, or an external
signal applied to an input pin such as EXT_PG or GPIO.
This flexibility allows a wide range of sequencing
possibilities, including having some of the outputs be
sequenced with an external power supply or a control
signal from the host. As an example, if the LDO1 input
trigger is Buck1, LDO1 will not turn on until Buck1 is in
regulation. Input triggers are defined at the factory and
can only be changed with a custom CMI configuration.
The GPIOx outputs can be connected to an internal
power supply’s POK signal and used to trigger external
supplies in the overall sequencing scheme. The GPIOx
inputs can also be connected to an external power
supply’s power good output and used as an input trigger
for an ACT88320 supply.
Turn-on Delay. The turn-on delay is the time between
an input trigger going active and the output starting to
turn on. Each output’s turn-on delay is configured via its
I2C bit ON DELAY. Turn-on delays can be changed after
the IC is powered on, but they are volatile and reset to
the factory defaults when power is recycled.
Turn-off Delay. The turn-off delay is the time between
an input trigger going inactive and the output starting to
turn off. Each output’s turn-off delay is configured via its
I2C bit OFF DELAY. Turn-off delays can be changed
after the IC is powered on, but they are volatile and reset
to the factory defaults when power is recycled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com