Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88320 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 3 Page - Qorvo, Inc

  ACT88320 Datasheet HTML 1Page - Qorvo, Inc ACT88320 Datasheet HTML 2Page - Qorvo, Inc ACT88320 Datasheet HTML 3Page - Qorvo, Inc ACT88320 Datasheet HTML 4Page - Qorvo, Inc ACT88320 Datasheet HTML 5Page - Qorvo, Inc ACT88320 Datasheet HTML 6Page - Qorvo, Inc ACT88320 Datasheet HTML 7Page - Qorvo, Inc ACT88320 Datasheet HTML 8Page - Qorvo, Inc ACT88320 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
3 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
FUNCTIONAL BLOCK DIAGRAM
VIO
SCL
Digital
Controller
Input Rail
External
SMPS
IO Supply
ACT88320
Digital
Core
LSG1
AGND
FB_Bx
Load_SW1
1uF
Buck1
Controller
Vref
2x22µF
1µH
FB_B1
PGND
SW_B1
VIN
FB_B1
10µF
Buck2
Controller
Vref
22µF
1µH
FB_B2
SW_B2
VIN
FB_B2
10µF
Buck3
Controller
Vref
22µF
1µH
FB_B3
SW_B3
VIN
FB_B3
10µF
OVSNS
OVGATE
OVSNS_M
10mΩ
PWREN
SDA
nRESET
nIRQ
EN
PG
EXT_PG
EXT_EN
Vref
OUT_LDO1
Vref
AVIN
OUT_LDO2
Load Switch Gate
Driver
AGND
Supply
Supply
PGND
PGND
1µF
1µF
1µF
FB
FB
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com