Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88320 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 2 Page - Qorvo, Inc

  ACT88320 Datasheet HTML 1Page - Qorvo, Inc ACT88320 Datasheet HTML 2Page - Qorvo, Inc ACT88320 Datasheet HTML 3Page - Qorvo, Inc ACT88320 Datasheet HTML 4Page - Qorvo, Inc ACT88320 Datasheet HTML 5Page - Qorvo, Inc ACT88320 Datasheet HTML 6Page - Qorvo, Inc ACT88320 Datasheet HTML 7Page - Qorvo, Inc ACT88320 Datasheet HTML 8Page - Qorvo, Inc ACT88320 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
2 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
TYPICAL APPLICATION DIAGRAM
LDO1 200mA
BUCK1 4.0A
BUCK2 2.5A
BUCK3 2.5A
LDO2 200mA
SCL
SDA
nRESET
IRQ
PG
DC/DC
ENABLE
Input Supply 2.7-5.5V
Blocking up to 20V
PWREN
SOC
ACT88320
Over Voltage
Over Current
Protection
Inrush Current
Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com