Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88320 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 1 Page - Qorvo, Inc

  ACT88320 Datasheet HTML 1Page - Qorvo, Inc ACT88320 Datasheet HTML 2Page - Qorvo, Inc ACT88320 Datasheet HTML 3Page - Qorvo, Inc ACT88320 Datasheet HTML 4Page - Qorvo, Inc ACT88320 Datasheet HTML 5Page - Qorvo, Inc ACT88320 Datasheet HTML 6Page - Qorvo, Inc ACT88320 Datasheet HTML 7Page - Qorvo, Inc ACT88320 Datasheet HTML 8Page - Qorvo, Inc ACT88320 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
Data Sheet Rev. E, November 2019 | Subject to change without notice
1 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
BENEFITS and FEATURES
• Wide input voltage range
• Vin = 2.7V to 5.5V
• Blocking up to 20V
• Complete integrated power solution
• One 4A DC/DC Step-Down with Bypass Mode
• Two 2.5A DC/DC Step-Down Regulators
• Two 200mA LDOs
• High Power Load Switch Gate Driver with Slew
Rate Control
• Space Savings
• Fully integrated
• High Fsw = 2.25MHz or 1.125MHz
• Integrated sequencing
• Easy system level design
• Configurable sequencing
• Seamless sequencing with external supplies
• Programmable Reset and Power Good GPIO’s
• Buck 1 Bypass Mode for 3.3V system level
compliance
• Highly configurable
• uP interface for status reporting and controllability
• Flexible Sequencing Options
• I
2C Interface – 1MHz
• Multiple Sleep Modes
• See ACT88321 for Pushbutton Startup
APPLICATIONS
• Solid-State Drives
• Microcontroller Applications
• FPGA
• Personal Navigation Devices
GENERAL DESCRIPTION
The ACT88320 PMIC is an integrated ActivePMU™
power management unit. It is highly flexible and can be
reconfigured via I2C for multiple applications without the
need for PCB changes. The low external component
count and high configurability significantly speeds time
to market. Examples of configurable options include
output voltage, startup time, system level sequencing,
switching frequency, sleep modes, operating modes etc.
The core of the device includes 3 DC/DC step down
converters using integrated power FETs, and 2
low-dropout regulators (LDOs). Each regulator can be
configured for a wide range of output voltages through
the I2C interface.
ACT88320 is programmed at the factory with a default
configuration. The default settings can be optimized for
a specific design through the I2C interface. Contact the
factory for specific default configurations.
The ACT88320 includes features that allow flexibility for
all system level configurations. The buck converter can
be reconfigured as a bypass switch. It also contains a
high power load switch controller. It’s external power
supply enable and power good interface allows
seamless sequencing with external power supplies.
The ACT88320 PMIC is available in a 4 x 4 mm 32 pin
QFN package.
SSD Controller Compatibility
SSD Controller Vendor
SSD Controller
SMI
SM2258
SMI
SM2258H
SMI
SM2258XT
SMI
SM2259
SMI
SM2262
SMI
SM2263
SMI
SM2263XT
Marvell
Dean
Marvell
Eldora


Similar Part No. - ACT88320

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT88320QI-T ACTIVE-SEMI-ACT88320QI-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88320QI101-T ACTIVE-SEMI-ACT88320QI101-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88320QI103-T ACTIVE-SEMI-ACT88320QI103-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88320QI104-T ACTIVE-SEMI-ACT88320QI104-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88320QI105-T ACTIVE-SEMI-ACT88320QI105-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
More results

Similar Description - ACT88320

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBC13720 MOTOROLA-MBC13720 Datasheet
704Kb / 16P
Amplifier with Bypass Switch
logo
Active-Semi, Inc
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
logo
M/A-COM Technology Solu...
MAMF-010614 MA-COM-MAMF-010614 Datasheet
461Kb / 9P
Integrated SPDT Switch and LNA with Bypass Mode
logo
Active-Semi, Inc
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
Advanced PMU
logo
Active-Semi, Inc
ACT88320QI-T ACTIVE-SEMI-ACT88320QI-T Datasheet
3Mb / 50P
Advanced PMU with Inrush Control and Bypass Switch
Rev 2.0, 20-Dec-2017
ACT88325VA ACTIVE-SEMI-ACT88325VA Datasheet
3Mb / 39P
Advanced PMU with 3 Bucks, 2 LDOs and Load Bypass Switch
Rev 1.0, 23-May-2018
ACT88326VA ACTIVE-SEMI-ACT88326VA Datasheet
4Mb / 41P
Advanced PMU with Bypass Switch, & Pushbutton Function
Rev 1.0, 29-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com