Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT88320 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT88320
Description  Advanced PMU with Inrush Control and Bypass Switch
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT88320 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT88320 Datasheet HTML 25Page - Qorvo, Inc ACT88320 Datasheet HTML 26Page - Qorvo, Inc ACT88320 Datasheet HTML 27Page - Qorvo, Inc ACT88320 Datasheet HTML 28Page - Qorvo, Inc ACT88320 Datasheet HTML 29Page - Qorvo, Inc ACT88320 Datasheet HTML 30Page - Qorvo, Inc ACT88320 Datasheet HTML 31Page - Qorvo, Inc ACT88320 Datasheet HTML 32Page - Qorvo, Inc ACT88320 Datasheet HTML 33Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Data Sheet Rev. E, November 2019 | Subject to change without notice
29 of 57
www.qorvo.com
© 2020 Qorvo US, Inc. All rights reserved.
ACT88320
Advanced PMU with Inrush Control and Bypass Switch
BUCK1 BYPASS MODE
General Description
Buck1 is configurable as a bypass switch for systems
with a 3.3V bus voltage. The bypass switch provides full
sequencing capability by allowing the 3.3V bus to be
used as the input to the other supplies and still be
properly sequenced to the downstream load. In bypass
mode, the Buck1 P-ch FET acts as a switch and the
N-ch FET is disabled. The bypass switch turns on the
3.3V rail with the programmed delay and softstart time.
In bypass mode, the ACT88320 Buck 1 I2C registers are
reconfigured to the following.
1.
ILIM bit is the output of the PMOS Current
Detection circuit. In an overcurrent condition,
ILIM triggers the nIRQ output. ILIM is latched
until read via I2C. ILIM can be masked with the
ILIM_FLTMSK register.
2.
The UV register bit is reconfigured to the output
of the PMOS Current Shutdown circuit. This is
set to 5.6A typical. If the bypass switch current
exceeds 5.6A, it limits the current which triggers
an under voltage fault condition and moves the
IC
into
the
OVUV
FAULT
state.
This
immediately shuts down all regulators including
the bypass switch. The system restarts in
100mS, following the programmed startup
sequencing. This fault can be masked with I2C
bit UV_FLTMASK. This fault is latched in the
UV_REG I2C bit.
3.
OV is disabled. There is no overvoltage detec-
tion circuitry on the output of the bypass switch.
LDO CONVERTERS
General Description
The ACT88320 contains two fully integrated, 200mA,
low dropout linear regulators (LDO). LDOs have been
optimized to achieve low dropout and high PSRR.
The LDOs require only two small external components
(Cin, Cout) for operation. They ship with default output
voltages that can be modified via the I2C interface for
systems that require advanced power management
functions.
Soft-Start
Each LDO contains a softstart circuit that limits the rate
of change of the output voltage, minimizing input inrush
current and ensuring that the outputs power up
monotonically. This circuitry is effective any time the
LDO is enabled, as well as after responding to a short
circuit or other fault condition. Each LDO’s softstart time
is fixed to 275us.
Output Voltage Setting
The LDOs regulate to the voltage defined by their I2C
registers LDO1_VSET and LDO2_VSET. The LDOs do
not have a second VSET register like the buck
converters. The LDOs can be configured with two
different output voltage range settings. I2C register bit
VREF_CTRL controls the two settings. This bit is factory
set and is not user configurable.
VREF_CTRL = 0
VREF_CTRL = 1
Vref (V)
0.8
0.6
Vout
Range (V)
0.8 – 3.9875
0.6 – 2.991
Vout Step
Size (mV)
12.5
9.375
The following equation determines the LDO output
voltages when VREF_CTRL = 0.
VLDOx = 0.8V + LDOx_VSET * 0.0125V
The following equation determines the LDO output
voltages when VREF_CTRL = 1.
VLDOx = 0.6V + LDOx_VSET * 0.009375V
Active Semi recommends that the LDO’s output voltage
be kept within +/- 25% of the default output voltage to
maintain accuracy. Voltage changes larger than +/- 25%
may require different factory trim settings (new CMI) to
maintain accuracy.
Enable / Disable Control
During normal operation, each LDO may be enabled or
disabled via the I2C interface by writing to that
regulator's ON bit. Note that disabling an LDO that is
used as an input trigger to another regulator may or may
not disable the other regulators following it, depending
on the specific CMI settings. Each LDO has a load
discharge function designed to quickly pull the output
voltage to ground when the LDO is disabled. The circuit
connects an internal resistor (50ohm) from the output to
AGND when the LDO is disabled.
POK and Output Fault Interrupt
Each LDO features a power-OK status bit, POK, which
can be read by the system microprocessor via the
I2C interface. If an output voltage is lower than the
POK threshold, typically 11% below the programmed
regulation voltage, that regulator’s POK bit will be 0.
If an LDO's nFLTMSK[ ] bit is set to 1, the ACT88320
will interrupt the processor if that LDO’s output voltage
falls below the power-OK threshold. In this case, nIRQ
asserts low and remains asserted until either the LDO
is turned off or goes back into regulation, and the POK
[ ] bit has been read via I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com