Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 127Page - STMicroelectronics ST10F272M Datasheet HTML 128Page - STMicroelectronics ST10F272M Datasheet HTML 129Page - STMicroelectronics ST10F272M Datasheet HTML 130Page - STMicroelectronics ST10F272M Datasheet HTML 131Page - STMicroelectronics ST10F272M Datasheet HTML 132Page - STMicroelectronics ST10F272M Datasheet HTML 133Page - STMicroelectronics ST10F272M Datasheet HTML 134Page - STMicroelectronics ST10F272M Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 175 page
background image
ST10F272M
Electrical characteristics
131/176
24.7
A/D converter characteristics
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125°C, 4.5V ≤ VAREF ≤ VDD,
VSS ≤ VAGND ≤ VSS + 0.2V
Table 58.
Flash data retention characteristics
Number of program / erase cycles
(-40°C < TA < 125°C)
Data retention time
(average ambient temperature 60°C)
256 Kbyte (code store)
64 Kbyte (EEPROM emulation)(1)
0 - 100
> 20 years
> 20 years
1000
-
> 20 years
10000
-
10 years
100000
-
1 year
1.
Two 64 Kbyte Flash Sectors may be typically used to emulate up to 4, 8 or 16 Kbytes of EEPROM. Therefore, in case of an
emulation of a 16 Kbyte EEPROM, 100,000 Flash Program / Erase cycles are equivalent to 800,000 EEPROM
Program/Erase cycles. For an efficient use of the EEPROM Emulation please refer to dedicated Application Note document
(AN2061 - “EEPROM Emulation with ST10F2xx”). Contact your local field service, local sales person or STMicroelectronics
representative to obtain a copy of such a guideline document.
Table 59.
A/D converter characteristics
Parameter
Symbol
Limit values
Unit
Test condition
Min
Max
Analog Reference voltage(1)
VAREF SR
4.5
VDD
V
Analog Ground voltage
VAGND SR
VSS
VSS + 0.2
V
Analog Input voltage(2)
VAIN
SR
VAGND
VAREF
V
Reference supply current
IAREF
CC
–
–
5
1
mA
µA
Running mode(3)
Power-down mode
Sample time
tS
CC
1–
µs
(4)
Conversion time
tC
CC
3–
µs
(5)
Differential Non Linearity(6)
DNL
CC
-1
+1
LSB
No overload
Integral Non Linearity(6)
INL
CC
-1.5
+1.5
LSB
No overload
Offset Error(6)
OFS
CC
-1.5
+1.5
LSB
No overload
Total unadjusted error(6)
TUE
CC
-2.0
-5.0
-7.0
+2.0
+5.0
+7.0
LSB
Port5
Port1 - No overload(3)
Port1 - Overload(3)
Coupling Factor between inputs(3)(7)
K
CC
–10–6
–
On both Port5 and Port1
Input Pin Capacitance(3)(8)
CP1
CC
–3
pF
CP2
CC
–
4
6
pF
Port5
Port1
Sampling Capacitance(3)(8)
CS
CC
–3.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com