Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 123Page - STMicroelectronics ST10F272M Datasheet HTML 124Page - STMicroelectronics ST10F272M Datasheet HTML 125Page - STMicroelectronics ST10F272M Datasheet HTML 126Page - STMicroelectronics ST10F272M Datasheet HTML 127Page - STMicroelectronics ST10F272M Datasheet HTML 128Page - STMicroelectronics ST10F272M Datasheet HTML 129Page - STMicroelectronics ST10F272M Datasheet HTML 130Page - STMicroelectronics ST10F272M Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 175 page
background image
ST10F272M
Electrical characteristics
127/176
Input leakage current (P2[0])(4)
|I
OZ3 |
CC
–
+1.0
-0.5
µA
–
Input leakage current (RPD)
|I
OZ4 |
CC
–±3.0
µA
–
Input leakage current (P3[12], P3[15])
|I
OZ5 |
CC
–±1.0
µA
–
Overload current (all except P2[0])
|I
OV1 |
SR
–±5
mA
(1)(5)
Overload current (P2[0])(4)
|I
OV2 |
SR
–
+5
-1
mA
(1)(5)
RSTIN pull-up resistor
RRST
CC
50
250
k
Ω
100 k
Ω nominal
Read/Write inactive current(6)(7)
IRWH
–
-40
µA
VOUT = 2.4V
Read/Write active current(6)(8)
IRWL
-500
–
µA
VOUT = 0.4V
ALE inactive current(6)(7)
IALEL
20
–
µA
VOUT = 0.4V
ALE active current(6)(8)
IALEH
–
300
µA
VOUT = 2.4V
Port 6 inactive current (P6[4:0])(6)(7)
IP6H
–
-40
µA
VOUT = 2.4V
Port 6 active current (P6[4:0])(6)(8)
IP6L
-500
–
µA
VOUT = 0.4V
PORT0 configuration current(6)
IP0H
(6)
–
-10
µA
VIN = 2.0V
IP0L
(7)
-100
–
µA
VIN = 0.8V
Pin Capacitance (Digital inputs / outputs)
CIO
CC
–10
pF
(1)(6)
Run Mode Power supply current(9)
(Execution from Internal RAM)
ICC1
–
15 + 1.5
fCPU
mA
–
Run Mode Power supply current(1)(10)
(Execution from Internal Flash)
ICC2
–
15 + 1.5
fCPU
mA
–
Idle mode supply current(11)
IID
–
15 + 0.6
fCPU
mA
–
Power-down supply current(12)
(RTC off, Oscillators off,
Main Voltage Regulator off)
IPD1
–
200
µA
TA = 25°C
Power-down supply current(12)
(RTC on, Main Oscillator on,
Main Voltage Regulator off)
IPD2
–
400
Typical
Value
µA
TA = 25°C
Power-down supply current(12)
(RTC on, 32 kHz Oscillator on,
Main Voltage Regulator off)
IPD3
–
200
µA
TA = 25°C
Stand-by supply current(12)
(RTC off, Oscillators off, VDD off, VSTBY
on)
ISB1
–
120
µA
VSTBY = 5.5V
TA = TJ = 25°C
–
500
µA
VSTBY = 5.5V
TA = TJ = 125°C
Table 56.
DC characteristics (continued)
Parameter
Symbol
Limit values
Unit
Test condition
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com