Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 125 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 125 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 121Page - STMicroelectronics ST10F272M Datasheet HTML 122Page - STMicroelectronics ST10F272M Datasheet HTML 123Page - STMicroelectronics ST10F272M Datasheet HTML 124Page - STMicroelectronics ST10F272M Datasheet HTML 125Page - STMicroelectronics ST10F272M Datasheet HTML 126Page - STMicroelectronics ST10F272M Datasheet HTML 127Page - STMicroelectronics ST10F272M Datasheet HTML 128Page - STMicroelectronics ST10F272M Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 175 page
background image
ST10F272M
Electrical characteristics
125/176
Based on thermal characteristics of the package and with reference to the power
consumption figures provided in the next tables and diagrams, the following product
classification can be proposed. However, the exact power consumption of the device inside
the application must be computed according to different working conditions, thermal profiles,
real thermal resistance of the system (including printed circuit board or other substrata), I/O
activity, and so on.
24.4
Parameter interpretation
The parameters listed in the following tables represent the characteristics of the
ST10F272M and its demands on the system.
Where the ST10F272M logic provides signals with their respective timing characteristics,
the symbol “CC” for Controller Characteristics, is included in the “Symbol” column. Where
the external system must provide signals with their respective timing characteristics to the
ST10F272M, the symbol “SR” for System Requirement, is included in the “Symbol” column.
24.5
DC characteristics
VDD = 5 V ± 10%, VSS = 0 V, TA = -40 to +125°C
Table 54.
Thermal characteristics
Symbol
Description
Value (typical)
Unit
Θ
JA
Thermal Resistance Junction-Ambient
PQFP 144 - 28 x 28 x 3.4 mm / 0.65 mm pitch
LQFP 144 - 20 x 20 mm / 0.5 mm pitch
LQFP 144 - 20 x 20 mm / 0.5 mm pitch on four-layer FR4
board (2 layers signals / 2 layers power)
30
40
35
°C/W
Table 55.
Package characteristics
Package
Ambient temperature range
CPU frequency range
PQFP 144
-40 to +125°C
1 to 40 MHz
LQFP 144
Table 56.
DC characteristics
Parameter
Symbol
Limit values
Unit
Test condition
Min
Max
Input low voltage (TTL mode)
(except RSTIN, EA, NMI, RPD, XTAL1,
READY)
VIL
SR
-0.3
0.8
V
–
Input low voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD, XTAL1,
READY)
VILS
SR
-0.3
0.3 VDD
V–
Input low voltage RSTIN, EA, NMI, RPD
VIL1
SR
-0.3
0.3 VDD
V–
Input low voltage XTAL1 (CMOS only)
VIL2
SR
-0.3
0.3 VDD
V
Direct Drive mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com