Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 126 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 126 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 122Page - STMicroelectronics ST10F272M Datasheet HTML 123Page - STMicroelectronics ST10F272M Datasheet HTML 124Page - STMicroelectronics ST10F272M Datasheet HTML 125Page - STMicroelectronics ST10F272M Datasheet HTML 126Page - STMicroelectronics ST10F272M Datasheet HTML 127Page - STMicroelectronics ST10F272M Datasheet HTML 128Page - STMicroelectronics ST10F272M Datasheet HTML 129Page - STMicroelectronics ST10F272M Datasheet HTML 130Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 175 page
background image
Electrical characteristics
ST10F272M
126/176
Input low voltage READY (TTL only)
VIL3
SR
-0.3
0.8
V
–
Input high voltage (TTL mode)
(except RSTIN, EA, NMI, RPD, XTAL1)
VIH
SR
2.0
VDD + 0.3
V
–
Input high voltage (CMOS mode)
(except RSTIN, EA, NMI, RPD, XTAL1)
VIHS
SR
0.7 VDD
VDD + 0.3
V
–
Input high voltage RSTIN, EA, NMI, RPD VIH1
SR
0.7 VDD
VDD + 0.3
V
–
Input high voltage XTAL1 (CMOS only)
VIH2
SR
0.7 VDD
VDD + 0.3
V
Direct Drive mode
Input high voltage READY (TTL only)
VIH3
SR
2.0
VDD + 0.3
V
–
Input Hysteresis (TTL mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
VHYS
CC
400
700
mV
(1)
Input Hysteresis (CMOS mode)
(except RSTIN, EA, NMI, XTAL1, RPD)
VHYSS CC
750
1400
mV
(1)
Input Hysteresis RSTIN, EA, NMI
VHYS1 CC
750
1400
mV
(1)
Input Hysteresis XTAL1
VHYS2 CC
050
mV
(1)
Input Hysteresis READY (TTL only)
VHYS3 CC
400
700
mV
(1)
Input Hysteresis RPD
VHYS4 CC
500
1500
mV
(1)
Output low voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTIN,
RSTOUT)
VOL
CC
–
0.4
0.05
V
IOL = 8mA
IOL = 1mA
Output low voltage
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
VOL1
CC
–
0.4
0.05
V
IOL1 = 4mA
IOL1 = 0.5mA
Output low voltage RPD
VOL2
CC
–
VDD
0.5 VDD
0.3 VDD
V
IOL2 = 85µA
IOL2 = 80µA
IOL2 = 60µA
Output high voltage
(P6[7:0], ALE, RD, WR/WRL,
BHE/WRH, CLKOUT, RSTOUT)
VOH
CC
VDD - 0.8
VDD - 0.08
–V
IOH = – 8mA
IOH = – 1mA
Output high voltage(2)
(P0[15:0], P1[15:0], P2[15:0],
P3[15,13:0], P4[7:0], P7[7:0],
P8[7:0])
VOH1
CC
VDD - 0.8
VDD - 0.08
–V
IOH1 = – 4mA
IOH1 = – 0.5mA
Output high voltage RPD
VOH2
CC
0
0.3 VDD
0.5 VDD
–V
IOH2 = – 2mA
IOH2 = – 750µA
IOH2 = – 150µA
Input leakage current (P5[15:0])(3)
|I
OZ1 |
CC
–±0.2
µA
–
Input leakage current
(all except P5[15:0], P2[0], RPD, P3[12],
P3[15])
|I
OZ2 |
CC
–±0.5
µA
–
Table 56.
DC characteristics (continued)
Parameter
Symbol
Limit values
Unit
Test condition
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com