Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZB-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADL6332ACCZB-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZB-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADL6332ACCZB-R7 Datasheet HTML 23Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 24Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 25Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 26Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 27Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 28Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 29Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 30Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Data Sheet
ADL6332
PROGRAMMABILITY GUIDE
analog.com
Rev. A | 27 of 55
The register map can be subdivided into seven functional groups,
as shown in Table 7. See the Register Summary section for a
complete list of all the registers on the ADL6332.
Table 7. Memory Map Functional Groups
Register Address
Functional Blocks
0x000 to 0x011
SPI configuration
0x100 to 0x101
Function enable
0x104 to 0x109
AMP1 performance trimming and tuning
0x10A to 0x10D
RF path four preconfigurations: AMP1,
AMP2, fixed gain/bypass, DSA attenuation
0x10F to 0x115
AMP2 performance trimming and tuning
0x120 to 0x121
Auxiliary mux selection (debug only), SPI
supply control
Table 7. Memory Map Functional Groups (Continued)
Register Address
Functional Blocks
0x140 to 0x145
FUSE space. Read only. Trimmed parame-
ters for AMP1 and AMP2 are stored.
FUNCTION AND SIGNAL PATH ENABLE
The enable bits for each circuit block are in registers 0x100 and
0x101 (Table 8 and Table 9). Figure 93 shows a breakdown of the
individual blocks highlighted in red that have corresponding enable
controls in registers 0x100 and 0x101. ENP pin 12 is a primary
enable pin for the ADL6332 and is active high. The bits in the
enable registers can be configured independent of the state of ENP.
Figure 93. Signal Path Enable Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com