Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZB-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL6332ACCZB-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZB-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL6332ACCZB-R7 Datasheet HTML 6Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 7Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 8Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 9Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 10Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 11Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 12Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 13Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Data Sheet
ADL6332
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 10 of 55
Figure 6. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
1
CA2
Input
SPI Chip Address (MSB).
2, 4, 5, 14, 17
GND
Input/Output
Ground Reference.
3
RFIN
Input
Single-Ended RF Input.
6
ATTSEL1
Input
Preprogrammed Mode Selection (A, B, C, and D State).
7
MUXOUT
Output
Voltage Measurement Pin for Reading Chip Temperature. Leave as no connect when not in
use.
8
V33AMP1A
Input
Analog 3.3 V Power-Supply Input for AMP1.
9
V33AMP1
Input
Analog 3.3 V Power-Supply Input for AMP1.
10
V33AMP2A
Input
Analog 3.3 V Power-Supply Input for AMP2.
11
V33AMP2
Input
Analog 3.3 V Power-Supply Input for AMP2.
12
ENP
Input
Power Up/Enable Input. Active High.
13
ATTSEL0
Input
Preprogrammed Mode Selection (A, B, C, and D State).
15
RFOUTN
Output
Negative Side of Balanced Differential RF Output.
16
RFOUTP
Output
Positive Side of Balanced Differential RF Output.
18
SDO
Output
Serial-Port Data Output.
19
SDIO
Input/Output
Serial-Port Bidirectional Data Input/Output.
20
SCLK
Input
Serial-Port Clock Input.
21
CSB
Input
Serial-Port Enable Input. Active low.
22
V33FUSE
Input
Digital 3.3 V Power-Supply Input.
23
CA0
Input
SPI Chip Address (LSB).
24
CA1
Input
SPI Chip Address.
EPAD
Input/Output
Exposed Pad. The exposed pad must be connected to ground for electrical and thermal
purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com