Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZB-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADL6332ACCZB-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZB-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADL6332ACCZB-R7 Datasheet HTML 29Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 30Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 31Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 32Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 33Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 34Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 35Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 36Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
Data Sheet
ADL6332
SERIAL PORT INTERFACE (SPI)
analog.com
Rev. A | 33 of 55
The SPI of the ADL6332 allows to configure the device for specific
functions or operations through 3-wire or 4-wire SPI mode. This se-
rial port interface consists of four control lines: SCLK, SDIO, SDO,
and CSB for 4-wire SPI mode. SCLK, SDIO, and CSB are used for
3-wire SPI mode, which is the default state for the SPI mode. To
enable 4-wire SPI mode, set SDOACTIVE[3] and SDOACTIVE_[4]
in register 0x000 to 1. Table 3 shows the timing requirements for
the SPI port.
The ADL6332 protocol consists of a read/write bit, four chip ad-
dress bits (MSB is always 0), nine register address bits, followed
by eight data bits. Both the address and data fields are organized
with the MSB first and end with the LSB by default. To address
the device correctly, the chip address prefix bits must match the
externally configured chip address pins CA2, CA1, and CA0.
The ADL6332 input logic levels to write to the SPI are 1.8 V or 3.3
V.
On a readback cycle, the SDO is configurable for either
1.8 V (default) or 3.3 V readback output levels by setting
SPI_1P8_3P3_CTRL bit (register 0x121, bit 4).
CONFIGURING MULTIPLE CHIPS TO SHARE
THE SPI BUS
Up to eight ADL6332 devices can be addressed using the same
3-wire or 4-wire SPI, using a single CSB line for all devices. For this
capability, the chip address pins (CA2, CA1, CA0) of the ADL6332
are used to identify the chip with the SPI write chip address prefix
(see the SPI port as shown in Figure 2).
The ADL6332 ignores any writes to addresses where the four
MSBs are not equal to the chip address as set by the chip address
pins and only accepts access for addresses where the four MSB
chip address prefix bits are equal to the chip address pins. The only
exception is the software reset in the address 0x000. All ADL6332
chips on the shared bus accept 0x81 software reset in 0x000
register from the SPI host controller.
Figure 94 shows how to configure the chip address pins CA2, CA1,
and CA0 with the associated chip address prefix bits.
Figure 94. Multiple Chip Configuration to Share SPI Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com