Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZB-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADL6332ACCZB-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZB-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADL6332ACCZB-R7 Datasheet HTML 40Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 41Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 42Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 43Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 44Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 45Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 46Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 47Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 55 page
background image
Data Sheet
ADL6332
REGISTER DETAILS
analog.com
Rev. A | 44 of 55
Table 33. Bit Descriptions for SIG_PATH2_0
Bits
Bit Name
Description
Reset
Access
[7:3]
RESERVED
Reserved.
0x0
R
2
SIGCHAIN_BYPASS
Bypass Signal Chain Mode.
0x0
R/W
0: Based on Individual Amp Bypass Setting.
1: Bypass Both Amps.
1
SEL_IBIASGEN_BG
Select Bias Generator PTAT BG Reference (Debug Only).
0x0
R/W
0: Use Dedicated PTAT Generator (Default).
1: Use Bandgap Based PTAT Generator.
0
RESERVED
Reserved.
0x0
R/W
Address: 0x103, Reset: 0x06, Name: SIG_PATH0_1
Table 34. Bit Descriptions for SIG_PATH0_1
Bits
Bit Name
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
R
3
AMP1_MON_EN
Amp 1 Enable Bias Monitors.
0x0
R/W
0: Disable Bias Monitoring.
1: Enable Bias Monitoring (Debug Only).
2
RESERVED
Reserved.
0x1
R/W
1
AMP1_IM3_EN
Amp 1 Enable IM3 Trim Currents.
0x1
R/W
0: Disable IM3 Trim Currents.
1: Enable IM3 Trim Currents.
0
AMP1_LP_MODE
AMP1 Low Power Mode (Disables IM3 Trim).
0x0
R/W
0: Disable. Use Default Bias.
1: Enable Low Bias.
Address: 0x104, Reset: 0x89, Name: SIG_PATH1_1
Table 35. Bit Descriptions for SIG_PATH1_1
Bits
Bit Name
Description
Reset
Access
7
NVM_TRM_AMP1_IGREF
Select Fused Value of TRM_AMP1_IGREF.
0x1
R/W
[6:4]
RESERVED
Reserved.
0x0
R
[3:0]
AMP1_IGREF
Amp 1 Main Gain Bias Trim (LSB = 10mA).
0x9
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com