Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZB-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADL6332ACCZB-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZB-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADL6332ACCZB-R7 Datasheet HTML 30Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 31Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 32Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 33Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 34Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 35Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 36Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 37Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Data Sheet
ADL6332
SERIAL PORT INTERFACE (SPI)
analog.com
Rev. A | 34 of 55
INITIALIZATION SEQUENCE
ADL6332 has a built-in initialization sequence triggered by software
reset to correctly load data from the NVM into memory for normal
amplifier operation. The calibrated/trimmed settings for AMP1 and
AMP2 are programmed in Analog Devices' factory and stored in
NVM before shipping. After a software reset is performed, the data
in the NVM must be loaded into the digital registers 0x140 to 0x145
for operation. This loading process takes four SPI cycles, write or
read, after the software reset is asserted. The loading process is
independent of the state of the ENP pin, high or low.
The full procedure for initializing the part is:
1. Supply 3.3 V.
2. Apply software reset.
3. Send four SPI commands to ADL6332, read or write.
The software reset, sending 0x81 in register 0x000, is always
recommended right after 3.3 V is supplied.
Example 1 (Table 17):
After 3.3 V is supplied:
1. Write 0x81 in register 0x000 for the software reset.
2. Write 0x18 in register 0x000 for configuring 4-wire SPI mode.
3. Write 0x01 in register 0x00A: Scratch pad.
4. Write 0x02 in register 0x00A: Scratch pad.
5. Write 0x03 in register 0x00A: Scratch pad.
6. Write 0x07 in register 0x101 for enabling AMP2, DSA, and
AMP1 to start the normal amplifier operation.
Register 0x00A is called 'Scratch Pad', which is a read and write
register for SPI communication testing. It does not affect any per-
formance in the ADL6332.
After four write cycles are sent, the data in registers 0x140 to 0x145
are correctly loaded for use in operation.
Example 1 is the basic sequence to start ADL6332 in normal
operation. After the sequence is complete, the registers are set to
default configuration. It is recommended to enable AMP2, DSA, and
AMP1 in register 0x101, in the last SPI cycle in step 6 to avoid any
unexpected output signals from ADL6332 when ENP pin is set to
high together with the 3.3 V supply.
Table 17. Example 1: SPI Command Writes
Address
Write Data
Notes
0x000
0x81
Software reset
0x000
0x18
1st Cycle: Configure 4-wire SPI mode.
0x00A
0x01
2nd Cycle: Scratch pad writing. Any data is fine.
0x00A
0x02
3rd Cycle: Scratch pad writing. Any data is fine.
0x00A
0x03
4th Cycle: Scratch pad writing. Any data is fine.
0x101
0x07
The data in registers 0x140 to 0x145 are correctly loaded to use for operation. Enable AMP2, DSA,
AMP1 functions to start operations. Default register values are used for RF performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com