Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6332ACCZB-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADL6332ACCZB-R7
Description  0.38 GHz to 15 GHz RxVGA
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6332ACCZB-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADL6332ACCZB-R7 Datasheet HTML 34Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 35Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 36Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 37Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 38Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 39Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 40Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 41Page - Analog Devices ADL6332ACCZB-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Data Sheet
ADL6332
REGISTER SUMMARY
analog.com
Rev. A | 38 of 55
Table 19. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x000
ADI_SPI_CONFI
G
[7:0]
SOFTRESE
T_
LSB_FIRST
_
ENDIAN_
SDOACTIV
E_
SDOACTIV
E
ENDIAN
LSB_FIRST
SOFTRESE
T
0x00
R/W
0x001 REG_0X0001
[7:0]
SINGLE_IN
STRUCTIO
N
CSB_STALL
MASTER_S
LAVE_RB
RESERVED
SOFT_RESET
MASTER_S
LAVE_TRA
NSFER
0x00
R/W
0x003 CHIPTYPE
[7:0]
CHIPTYPE
0x00
R
0x004 PRODUCT_ID_L [7:0]
PRODUCT_ID[7:0]
0x00
R
0x005 PRODUCT_ID_H [7:0]
PRODUCT_ID[15:8]
0x00
R
0x00
A
SCRATCHPAD
[7:0]
SCRATCHPAD
0x00
R/W
0x00
B
SPI_REV
[7:0]
SPI_REV
0x00
R
0x010 VARIANT_FEOL [7:0]
FEOL
VARIANT
0x00
R
0x011 BEOL_SIF
[7:0]
SIF
BEOL
0x00
R
0x012 SPARE_0012
[7:0]
SPARE_0012
0x00
R
0x013 SPARE_0013
[7:0]
SPARE_0013
0x00
R
0x100 SIG_PATH0_0
[7:0]
RESERVED
AMUX_BG_
EN
RESERVED
LDO18_EN
0x11
R/W
0x101 SIG_PATH1_0
[7:0]
RESERVED
AMP2_EN
DSA_EN
AMP1_EN
0x00
R/W
0x102 SIG_PATH2_0
[7:0]
RESERVED
SIGCHAIN_
BYPASS
SEL_IBIAS
GEN_BG
RESERVED 0x00
R/W
0x103 SIG_PATH0_1
[7:0]
RESERVED
AMP1_MON
_EN
RESERVED
AMP1_IM3_
EN
AMP1_LP_
MODE
0x06
R/W
0x104 SIG_PATH1_1
[7:0]
NVM_TRM_
AMP1_IGRE
F
RESERVED
AMP1_IGREF
0x89
R/W
0x105 SIG_PATH2_1
[7:0]
NVM_TRM_
AMP1_IDRE
F_Z
RESERVED
AMP1_IDREF_Z
0xAA
R/W
0x106 SIG_PATH3_1
[7:0]
NVM_TRM_
AMP1_IDRE
F_P
RESERVED
AMP1_IDREF_P
0x83
R/W
0x109 SIG_PATH6_1
[7:0]
SPARE_010B
AMP1_IM3_CAP
0x07
R/W
0x10
A
SIG_PATH0_2
[7:0]
AMP2_BYP
ASS0
AMP1_BYP
ASS0
DSA_ATTN0
0xD8
R/W
0x10
B
SIG_PATH1_2
[7:0]
AMP2_BYP
ASS1
AMP1_BYP
ASS1
DSA_ATTN1
0x10
R/W
0x10
C
SIG_PATH2_2
[7:0]
AMP2_BYP
ASS2
AMP1_BYP
ASS2
DSA_ATTN2
0x08
R/W
0x10
D
SIG_PATH3_2
[7:0]
AMP2_BYP
ASS3
AMP1_BYP
ASS3
DSA_ATTN3
0x00
R/W
0x10
F
SIG_PATH0_3
[7:0]
RESERVED
AMP2_MON
_EN
AMP2_CRO
SS_EN
AMP2_IM3_
EN
AMP2_LP_
MODE
0x06
R/W
0x110 SIG_PATH1_3
[7:0]
NVM_TRM_
AMP2_IGRE
F
RESERVED
AMP2_IGREF
0x89
R/W
0x111 SIG_PATH2_3
[7:0]
NVM_TRM_
AMP2_IDRE
F_Z
RESERVED
AMP2_IDREF_Z
0xAA
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com