Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190AL Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 9Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 10Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 11Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 12Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 13Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 14Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 15Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 16Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
13
3.3 I/O Mapping
SYSTEM I/O OFFSET
FUNCTION
0000H
001FH
MAC CORE REGISTER
Tab - 11 I/O Address Mapping
3.4 SRAM Memory Mapping
OFFSET
FUNCTION
0000H
03BFH
CIS *1
03C0H
LCOR *1
03C2H
LCCSR *1
03C4H
-
03C6H
-
03CAH
LIOBASE0 *1
03CCH
LIOBASE1 *1
03CEH
03DFH
RESERVED
03E0H
MCOR *1
03E2H
MCCSR *1
03E4H
-
03E6H
-
03EAH
MIOBASE0 *1
03ECH
MIOBASE1 *1
03EEH
03FFH
RESERVED
0400H
NODE ID 0
0401H
NODE ID 1
0402H
NODE ID 2
0403H
NODE ID 3
0404H
NODE ID 4
0405H
NODE ID 5
0406H
07FFH
RESERVED
4000H
7FFFH
8K X 16
SRAM BUFFER
Tab - 12 Local Memory Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com