Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190AL Datasheet(PDF) 45 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 45 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 41Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 42Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 43Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 44Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 45Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 46Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 47Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 48Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 49Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
AX88190A
10/100Mbps PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
45
TDP
C38
10p
RDN
SPDLED
C43
0.01u
TIP
R38
75
RDP
RING
J1
PCMCIA-15
RMC-E15MY-OM-MA2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
3.3V
C28
0.01u
GND
RDP
R34
49.9
1%
C11
0.01u/2KV
LNKLED
R35
49.9
1%
RING
C36
10p
HSPDLED
C3
0.01u/2KV
HACTLED
R48
75
C42
10p
TDN
U6
16ST0009P
6
7
8
1
2
3
11
10
9
16
15
14
CT
TD+
TD-
RD+
RD-
CT
CT
TX+
TX-
RX+
RX-
CT
TIP
ACTLED
HACTLED
HCOLLED
SPDLED
RX+
RX+
C37
0.01u
GND
R39
75
ACTLED
TDN
LRING
TX+
RDN
R10
49.9
1%
R37
75
C6
0.1u
TX-
TIP
TDN
LNKLED
R46
49.9
1%
CHASSIS
HACTLED
TDP
ACTLED
3.3V
RING
R9
49.9
1%
RDP
C40
0.1u
RDN
LTIP
LNKLED
RX-
3.3V
3.3V
TX-
R49
1M
RX-
LRING
U2
LHR002
4
6
1
2
11
9
14
13
TUT+
TUT-
Z+
Z-
TIP+
RING-
C+
C-
C2
P0800SA
LTIP
SPDLED
R36
49.9
1%
HSPDLED
HCOLLED
HSPDLED
HCOLLED
GND
TDP
C30
10p
TX+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com