Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190AL Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 30Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 31Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 32Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 33Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 34Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 35Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 36Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 37Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
AX88190A
PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
34
6.4.8 SNI Timing
Ttclk
Ttch
Ttcl
STXC
Ttv
Tth
STXD
STXE
Trclk
Trch
Trcl
SRXC
Trs
Trh
SRXD
SCRS
Symbol
Description
Min
Typ.
Max
Units
Ttclk
Cycle time(10Mbps)
-
100
-
ns
Ttch
high time(10Mbps)
45
-
55
ns
Trch
low time(10Mbps)
45
-
55
ns
Ttv
Clock to data valid
-
-
26
ns
Tth
Data output hold time
5
-
-
ns
Trclk
Cycle time(10Mbps)
-
100
-
ns
Trch
high time(10Mbps)
45
-
55
ns
Trcl
low time(10Mbps)
45
-
55
ns
Trs
data setup time
10
-
-
ns
Trh
data hold time
5
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com