Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190AL Datasheet(PDF) 44 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 44 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 40Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 41Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 42Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 43Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 44Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 45Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 46Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 47Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 48Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 49 page
background image
AX88190A
10/100Mbps PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
44
TXD1
TDP
R30
510
R12
4.7K
RDN
C31
0.1u
L4
F.B.
TXCLK
FLED
GND
PHYAD1
PCLK
3.3V
RXDV
TXEN
L3
F.B.
RESET#
TXD3
LNKLED
RXD1
C41
0.01u
RLED
TLED
R47
9.31K
MDIO
GND
C22
0.01u
MDIO
TDN
PCLK
LNKLED
RXDV
TXCLK
RXER
RXD1
C35
0.1u
RESET#
C27
0.1u
R43
4.7K
RLED
COL
R32
510
3.3VA1
SPDLED
TXD[0..3]
SLED
C34
0.1u
GND
3.3V
ACTLED
R24
4.7K
RDP
3.3V
TLED
SPDLED
TDP
3.3V
RDN
TLED
3.3V
RDP
LLED
CLED
CRS
ACTLED
PHYAD2
RXER
PCLK
3.3VA2
TDN
TXD2
CRS
RXD[0..3]
R11
4.7K
U8
DP83846A
59
58
55
54
52
51
38
39
40
41
44
45
60
61
36
37
67
66
57
65
12
14
64
3
7
23
73
2
9
13
15
18
19
76
79
50
46
16
17
11
10
1
5
8
20
21
22
47
63
68
69
70
71
74
75
77
78
80
6
48
34
42
53
56
4
24
49
72
43
35
62
33
32
31
30
29
28
27
26
25
TXD3
TXD2
TXD1
TXD0
TX_EN
TX_CLK
RXD3
RXD2
RXD1
RXD0
RX_DV
RX_CLK
COL
CRS/LED_CFG#
MDIO
MDC
X1
X2
IO_VDD
IO_VDD
ANA_VDD2
ANA_VDD3
IO_GND
RBIAS
ANA_VDD1
CORE_GND
CORE_GND
ANA_GND
ANA_GND
ANA_GND
ANA_GND
ANA_GND
SUB_GND
SUB_GND
SUB_GND
TX_ER
RX_ER/PAUSE_EN#
TD+
TD-
RD+
RD-
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
ANA_GND
CORE_GND
IO_GND
IO_GND
IO_GND
IO_GND
ANA_VDD
CORE_VDD
CORE_VDD
CORE_VDD
IO_VDD
IO_VDD
RESET#
LED_DPLX/PHY0
LED_COL/PHY1
LED_GDLNK/PHY2
LED_TX/PHY3
LED_RX/PHY4
LED_SPEED
AN_EN
AN_1
AN_0
R44
20
RESET#
LLED
PHYAD3
PHYAD4
TXD0
RXCLK
R27
20
RXD2
MDC
C39
0.1u
CRS
CLED
TDN
RXD2
R28
4.7K
PHYAD0
RDP
TXD[0..3]
RXD0
RLED
To PCMJ15 Connect
RXD3
R45
4.7K
TDP
3.3VA2
R29
510
R26
4.7K
Transmit Activity : used R29.
Receive Activity
: used R30.
Transmit/Receive Activity :
D1 & D2 & R31.
RXCLK
GND
MDIO
ACTLED
RXD[0..3]
MDC
LLED
3.3V
LNKLED
C33
0.1u
TXEN
RXCLK
TXCLK
TXEN
3.3V
3.3V
RXD0
R31
510
GND
BY PASS CAP WITH DIGITAL POWER SUPPLY
FLED
RXDV
R33
510
RXER
BY PASS CAP WITH ANALOG POWER SUPPLY
SLED
SPDLED
GND
Set PHY ADDRESS TO 00011
RDN
R45 : Setting FDPX LED
(OPTION)
3.3VA1
D2
1N4148
GND
COL
C29
0.1u
RXD3
D1
1N4148
MDC
COL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com