Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190AL Datasheet(PDF) 41 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 41 Page - ASIX Electronics Corporation

Back Button AX88190AL Datasheet HTML 37Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 38Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 39Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 40Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 41Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 42Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 43Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 44Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 45Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 49 page
background image
AX88190A
10/100Mbps PCMCIA Fast Ethernet MAC Controller
ASIX ELECTRONICS CORPORATION
41
Demonstration Circuit : AX88190A + Ethernet PHY + HomePNA 1M8 PHY
VCC
GND
SPKR#
SA8
SD7
AX88190AL 10BASE-T/100BASE-TX & 1M HomePNA
Application with DP83846A & DP83851 PHYceiver.
(reference only)
CE2#
3.3V
SD8
OE#
IOWR#
VCC
R40
1k
INPACK#
SA5
RESET
IOIS16#
SD1
IOWR#
IREQ#
SD5
GND
SD14
IORD#
3.3V
CE2#
GND
SA3
WE#
+
C10
4.7uF/16V
IREQ#
SA0
SD15
CE1#
GND
GND
VCC
VCC
IORD#
INPACK#
WE#
INPACK#
STSCHG#
SA1
GND
REG#
OE#
SA7
SD12
GND
IOIS16#
SD2
IORD#
IOWR#
STSCHG#
SPKR#
+
C1
4.7uF/16V
U4
PCMCIA-68
ICM-68FYC-OM03
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
GND
D3
D4
D5
D6
D7
CE1#
A10
OE#
A11
A9
A8
A13
A14
WE#
IREQ#
VCC
VPP1
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
D0
D1
D2
IOIS16#
GND
GND
CD1#
D11
D12
D13
D14
D15
CE2#
VS1#
IORD#
IOWR#
A17
A18
A19
A20
A21
VCC
VPP2
A22
A23
A24
A25
VS2#
RESET
WAIT#
INPACK#
REG#
SPKR#
STSCHG#
D8
D9
D10
CD2#
GND
R40 : option for 3.3V card tpye.
CE2#
WAIT#
SD13
C9
0.01u
IREQ#
WE#
CE1#
REG#
C12
0.01u
WAIT#
RESET
RESET
SA9
GND
SD9
SA6
CE1#
SPKR#
STSCHG#
GND
SD11
SD0
WAIT#
VCC
SA4
GND
SA2
3.3V
SD[0..15]
U7
AMS117
1
4
2
3
ADJ/GND
TAB/OUT
OUT
IN
SD6
SA[0..9]
C32
0.01u
+
C8
4.7uF/16V
OE#
REG#
SD4
SD3
SD10
IOIS16#
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com