Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88190AL Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88190AL
Description  10/100BASE PCMCIA Fast Ethernet MAC Controller
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88190AL Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88190AL Datasheet HTML 1Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 2Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 3Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 4Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 5Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 6Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 7Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 8Page - ASIX Electronics Corporation AX88190AL Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
ASIX ELECTRONICS CORPORATION
Frist Released Date : Dec/13/1999
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88190AL
PCMCIA Fast Ethernet MAC Controller
10/100BASE PCMCIA Fast Ethernet MAC Controller
Document No.: AX190A-13 / V1.3 / June. 27 ’00
Features
IEEE 802.3u 100BASE-T, TX, and T4 Compatible
Single
chip
PCMCIA bus
10/100Mbps
Fast
Ethernet MAC Controller
Embedded 8K * 16 bit SRAM
NE2000 register level compatible instruction
Compliant with 16 bit PC Card Standard - February
1995
Support both 10Mbps and 100Mbps data rate
Support both full-duplex or half-duplex operation
Provides a MII port for both 10/100Mbps operation
Provides SNI I/F for Home LAN PHY or 10M
transceiver option
Support 128/256 bytes EEPROM (used for saving
CIS)
Support automatic loading of Ethernet ID, CIS and
Adapter Configuration from EEPROM on power-on
initialization
External and internal loop-back capability
Support 8 General Purpose I/O ports
128-pin LQFP low profile package
20MHz to 25MHz Operation, Dual 5V and 3.3V
CMOS process with 5V I/O tolerance. Or pure 3.3V
operation
*IEEE is a registered trademark of the Institute of
Electrical and Electronic Engineers, Inc.
*All other trademarks and registered trademark are the
property of their respective holders.
Product description
The AX88190A Fast Ethernet Controller is a high performance and highly integrated PCMCIA bus Ethernet Controller
with embedded 8K*16 bit SRAM. The AX88190A contains a 16 bit PCMCIA interfaces to host CPU and compliant with
PC Card Standard – February 1995. The AX88190A implements both 10Mbps and 100Mbps Ethernet function based on
IEEE802.3 / IEEE802.3u LAN standard. The AX88190A supports 10Mbps/100Mbps media-independent interface (MII)
and legacy pure 10Mbps SNI interface to simplify the design. Using Serial Network Interface (SNI) transceiver, Home
LAN PHY or 10BASE-2 BNC type media can be supported. The AX88190A is built in interface to connect
FAX/MODEM chipset with parallel bus interface.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No liability
is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88190A
10/100
PHY/TxRx
MODEM
DAA
MAGNETIC
RJ45
RJ11
PCMCIA I/F
EEPROM
Home LAN PHY or
10M PHY/TxRx
MAGNETIC
RJ11 or BNC


Similar Part No. - AX88190AL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX88190AL ETC-AX88190AL Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
More results

Similar Description - AX88190AL

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88140A ASIX-AX88140A Datasheet
467Kb / 46P
Fast Ethernet MAC Controller
logo
List of Unclassifed Man...
AX88190 ETC-AX88190 Datasheet
646Kb / 49P
PCMCIA Fast Ethernet MAC Controller
LF8430 ETC1-LF8430 Datasheet
50Kb / 1P
FAST ETHERNET 100BASE-TX PCMCIA TRANSFORMER MODULES
TC5299J ETC1-TC5299J Datasheet
340Kb / 32P
FAST ETHERNET PCMCIA LAN CONTROLLER
logo
ASIX Electronics Corpor...
AX88141 ASIX-AX88141 Datasheet
297Kb / 43P
100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
logo
Delta Electronics, Inc.
LF8409 DELTA-LF8409 Datasheet
62Kb / 1P
FAST ETHERNET 100BASE-TX PCMCIA TRANSFORMER MODULES
logo
ASIX Electronics Corpor...
AX88195P ASIX-AX88195P Datasheet
510Kb / 37P
10/100BASE Local CPU Bus Fast Ethernet MAC Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
logo
PCA ELECTRONICS INC.
EPF8209S PCA-EPF8209S Datasheet
47Kb / 1P
10/100Base-TX Interface PCMCIA Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com