Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762/ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7762/
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762/ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7762/ Datasheet HTML 10Page - Analog Devices AD7762/ Datasheet HTML 11Page - Analog Devices AD7762/ Datasheet HTML 12Page - Analog Devices AD7762/ Datasheet HTML 13Page - Analog Devices AD7762/ Datasheet HTML 14Page - Analog Devices AD7762/ Datasheet HTML 15Page - Analog Devices AD7762/ Datasheet HTML 16Page - Analog Devices AD7762/ Datasheet HTML 17Page - Analog Devices AD7762/ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Data Sheet
AD7767
TERMINOLOGY
analog.com
Rev. D | 14 of 23
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the actual input signal’s rms value to the rms
sum of all other spectral components below the Nyquist frequency,
excluding harmonics and dc. The value for SNR is expressed in
decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of harmonics to the fundamental.
For the AD7767, it is defined as
( )
1
6
5
4
3
2
V
V
V
V
V
V
THD
2
2
2
2
2
log
20
dB
+
+
+
+
=
(1)
where:
V1 is the rms amplitude of the fundamental.
V2, V3, V4, V5, and V6 are the rms amplitudes of the second to the
sixth harmonics.
Nonharmonic Spurious-Free Dynamic Range
(SFDR)
SFDR is the ratio of the rms signal amplitude to the rms value of the
peak spurious spectral component, excluding harmonics.
Dynamic Range
Dynamic range is the ratio of the rms value of the full scale to the
rms noise measured with the inputs shorted together. The value for
the dynamic range is expressed in decibels.
Intermodulation Distortion (IMD)
With inputs consisting of sine waves at two frequencies, fa and fb,
any active device with nonlinearities creates distortion products at
sum and difference frequencies of mfa ± nfb, where m, n = 0, 1, 2,
3, and so on. Intermodulation distortion terms are those for which
neither m nor n are equal to 0. For example, the second-order
terms include (fa + fb) and (fa − fb), and the third-order terms
include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7767 is tested using the CCIF standard, where two input
frequencies near the top end of the input bandwidth are used.
In this case, the second-order terms are usually distanced in fre-
quency from the original sine waves, and the third-order terms
are usually at a frequency close to the input frequencies. As a
result, the second- and third-order terms are specified separately.
The calculation of the intermodulation distortion is as per the THD
specification, where it is the ratio of the rms sum of the individual
distortion products to the rms amplitude of the sum of the funda-
mentals expressed in decibels.
Integral Nonlinearity (INL)
INL is the maximum deviation from a straight line passing through
the endpoints of the ADC transfer function.
Differential Nonlinearity (DNL)
DNL is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Zero Error
Zero error is the difference between the ideal midscale input voltage
(when both inputs are shorted together) and the actual voltage
producing the midscale output code.
Zero Error Drift
Zero error drift is the change in the actual zero error value due to a
temperature change of 1°C. It is expressed as a percentage of full
scale at room temperature.
Gain Error
The first transition (from 100 … 000 to 100 … 001) should occur
½ LSB above the nominal negative full scale for an analog voltage.
The last transition (from 011 … 110 to 011 … 111) should occur 1½
LSB below the nominal full scale for an analog voltage. The gain
error is the deviation of the difference between the actual level of
the last transition and the actual level of the first transition, from the
difference between the ideal levels.
Gain Error Drift
Gain error drift is the change in the actual gain error value due to a
temperature change of 1°C. It is expressed as a percentage of full
scale at room temperature.
Common-Mode Rejection Ratio (CMRR)
CMRR is defined as the ratio of the power in the ADC output at
full-scale frequency f to the power of a 100 mV sine wave applied to
the common-mode voltage of the VIN+ and VIN− inputs at frequency
fS.
CMRR (dB) = 10 log(Pf/PfS)
(2)
where Pf is the power at the frequency f in the ADC output, and PfS
is the power at the frequency fS in the ADC output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com