Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762/ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7762/
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762/ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7762/ Datasheet HTML 14Page - Analog Devices AD7762/ Datasheet HTML 15Page - Analog Devices AD7762/ Datasheet HTML 16Page - Analog Devices AD7762/ Datasheet HTML 17Page - Analog Devices AD7762/ Datasheet HTML 18Page - Analog Devices AD7762/ Datasheet HTML 19Page - Analog Devices AD7762/ Datasheet HTML 20Page - Analog Devices AD7762/ Datasheet HTML 21Page - Analog Devices AD7762/ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Data Sheet
AD7767
DAISY CHAINING
analog.com
Rev. D | 18 of 23
Daisy chaining devices allows numerous devices to use the same
digital interface lines by cascading the outputs of multiple ADCs
on a single data line. This feature is especially useful for reducing
component count and wiring connections, for example, in isolated
multiconverter applications or for systems with a limited interfacing
capacity. Data readback is analogous to clocking a shift register
where data is clocked on the falling edge of SCLK.
The block diagram in Figure 36 shows how devices must be
connected to achieve daisy-chain functionality. The scheme shown
operates by passing the output data of the SDO pin of an AD7767
device to the SDI input of the next AD7767 device in the chain. The
data then continues through the chain until it is clocked onto the
SDO pin of the first device in the chain.
READING DATA IN DAISY-CHAIN MODE
An example of a daisy chain of four AD7767 devices is shown in
Figure 36 and Figure 37. In the case illustrated in Figure 36, the
output of the AD7767 labeled A is the output of the full daisy chain.
The last device in the chain (the AD7767 labeled D) has its serial
data input (SDI) pin connected to ground. All the devices in the
chain must use common MCLK, SCLK, CS, and SYNC/PD signals.
To enable the daisy-chain conversion process, apply a common
SYNC/PD pulse to all devices, synchronizing all the devices in the
chain (see the Power-Down, Reset, and Synchronization section).
After applying a SYNC/PD pulse to all the devices, there is a delay
(as listed in Table 7) before valid conversion data appears at the
output of the chain of devices. As shown in Figure 37, the first
conversion result is output from the AD7767 device labeled A. This
24-bit conversion result is followed by the conversion results from
the devices labeled B, C, and D, respectively, with all conversion
results output in an MSB-first sequence. The stream of conversion
results is clocked through each device in the chain and is eventually
clocked onto the SDO pin of the AD7767 device labeled A. The
conversion results of all the devices in the chain must be clocked
onto the SDO pin of the final device in the chain while its DRDY
signal is active low. This is illustrated in the examples shown
( Figure 37 and Figure 38), where the conversion results from the
devices labeled A, B, C, and D are clocked onto SDO (A) during the
time between the falling edge of DRDY (A) and the rising edge of
DRDY (A).
CHOOSING THE SCLK FREQUENCY
As shown in Figure 37, the number of SCLK falling edges that
occur during the period when DRDY (A) is active low must match
the number of devices in the chain multiplied by 24 (the number of
bits that must be clocked through onto SDO (A) for each device).
The period of SCLK (tSCLK) required for a known daisy-chain length
using a known common MCLK frequency must, therefore, be es-
tablished in advance. Note that the maximum SCLK frequency is
governed by t8 and is specified in the Timing Specifications table for
different VDRIVE voltages.
In the case where CS is tied logic low,
úû
ù
êë
é
´
£
K
t
t
READ
SCLK
24
(3)
where:
K is the number of AD7767 devices in the chain.
tSCLK is the period of the SCLK.
tREAD equals tDRDY − t5.
In the case where CS is used in the daisy-chain interface,
(
) (
)
úû
ù
êë
é
´
+
+
-
£
K
t
t
t
t
t
13
7
6
READ
SCLK
24
(4)
where:
K is the number of AD7767 devices in the chain.
tSCLK is the period of the SCLK.
tREAD equals tDRDY − t5.
Note that the maximum value of SCLK is governed by t8 and
is specified in the Timing Specifications table for different VDRIVE
voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com