Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762/ Datasheet(PDF) 1 Page - Analog Devices

Part # AD7762/
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762/ Datasheet(HTML) 1 Page - Analog Devices

  AD7762/ Datasheet HTML 1Page - Analog Devices AD7762/ Datasheet HTML 2Page - Analog Devices AD7762/ Datasheet HTML 3Page - Analog Devices AD7762/ Datasheet HTML 4Page - Analog Devices AD7762/ Datasheet HTML 5Page - Analog Devices AD7762/ Datasheet HTML 6Page - Analog Devices AD7762/ Datasheet HTML 7Page - Analog Devices AD7762/ Datasheet HTML 8Page - Analog Devices AD7762/ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
Data Sheet
AD7767
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
Rev. D
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Oversampled successive approximation (SAR) architecture
►
High performance ac and dc accuracy, low power
►
115.5 dB dynamic range, 32 kSPS (AD7767-2)
►
112.5 dB dynamic range, 64 kSPS (AD7767-1)
►
109.5 dB dynamic range, 128 kSPS (AD7767)
►
−118 dB THD
►
Exceptionally low power
►
8.5 mW, 32 kSPS (AD7767-2)
►
10.5 mW, 64 kSPS (AD7767-1)
►
15 mW, 128 kSPS (AD7767)
►
High dc accuracy
►
24 bits, no missing codes (NMC)
►
INL: ±3 ppm (typical), ±7.6 ppm (maximum)
►
Low temperature drift
►
Zero error drift: 15 nV/°C
►
Gain error drift: 0.4 ppm/°C
►
On-chip low-pass FIR filter
►
Linear phase response
►
Pass-band ripple: ±0.005 dB
►
Stop-band attenuation: 100 dB
►
2.5 V supply with 1.8 V/2.5 V/3 V/3.6 V logic interface options
and 5 V reference
►
Flexible interfacing options
►
Synchronization of multiple devices
►
Daisy-chain capability
►
Power-down function
►
Temperature range: −40°C to +105°C
►
Available in 4.4 mm × 5 mm, 16-lead TSSOP
APPLICATIONS
►
Low power PCI/USB data acquisition systems
►
Low power wireless acquisition systems
►
Vibration analysis
►
Instrumentation
►
High precision medical acquisition
RELATED DEVICES
Table 1. 24-Bit ADCs
Part No.
Description
AD7760
2.5 MSPS, 100 dB dynamic range,1 on-board differential amp and
reference buffer, parallel, variable decimation
AD7762/
AD7763
625 kSPS, 109 dB dynamic range,1 on-board differential amp and
reference buffer, parallel/serial, variable decimation
AD7764
312 kSPS, 109 dB dynamic range,1 on-board differential amp and
reference buffer, variable decimation (pin)
AD7765
156 kSPS, 112 dB dynamic range,1 on-board differential amp and
reference buffer, variable decimation (pin)
AD7766
128 kSPS, 109.5 dB,1 15 mW, 16-bit INL, serial interface
AD7766-1
64 kSPS 112.5 dB,1 10.5 mW, 16-bit INL, serial interface
AD7766-2
32 kSPS, 115.5 dB,1 8.5 mW, 16-bit INL, serial interface
1 Dynamic range at maximum output data rate.
FUNCTIONAL BLOCK DIAGRAM
Figure 1.


Similar Part No. - AD7762/

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
591Kb / 28P
625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
8/05-Revision 0
AD7762 AD-AD7762 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
AD7762 AD-AD7762 Datasheet
619Kb / 29P
Sigma-Delta ADC With On-Chip Buffer
23-Feb-2017
AD7762 AD-AD7762 Datasheet
2Mb / 23P
AD7760/AD7762 Evaluation Board using EVAL-CED1Z
Rev. PrB
AD7762BSVZ AD-AD7762BSVZ Datasheet
591Kb / 28P
625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
8/05-Revision 0
More results

Similar Description - AD7762/

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7762 AD-AD7762 Datasheet
591Kb / 28P
625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
8/05-Revision 0
AD7767 AD-AD7767 Datasheet
2Mb / 24P
24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
8/07-Revision 0
logo
List of Unclassifed Man...
AD7989-1BRMZ ETC2-AD7989-1BRMZ Datasheet
521Kb / 24P
18-Bit, 100 kSPS/500 kSPS PulSAR ADCs in MSOP/LFCSP
logo
Analog Devices
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
128 kSPS/64 kSPS/32 kSPS ADCs
09-Jun-2017
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com