Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762/ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7762/
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762/ Datasheet(HTML) 2 Page - Analog Devices

  AD7762/ Datasheet HTML 1Page - Analog Devices AD7762/ Datasheet HTML 2Page - Analog Devices AD7762/ Datasheet HTML 3Page - Analog Devices AD7762/ Datasheet HTML 4Page - Analog Devices AD7762/ Datasheet HTML 5Page - Analog Devices AD7762/ Datasheet HTML 6Page - Analog Devices AD7762/ Datasheet HTML 7Page - Analog Devices AD7762/ Datasheet HTML 8Page - Analog Devices AD7762/ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet
AD7767
TABLE OF CONTENTS
analog.com
Rev. D | 2 of 23
Features................................................................ 1
Applications........................................................... 1
Related Devices.................................................... 1
Functional Block Diagram......................................1
General Description...............................................3
Specifications........................................................ 4
Timing Specifications......................................... 6
Timing Diagrams................................................ 7
Absolute Maximum Ratings...................................8
ESD Caution.......................................................8
Pin Configuration and Function Descriptions........ 9
Typical Performance Characteristics................... 10
Terminology......................................................... 14
Theory of Operation.............................................15
AD7767/AD7767-1/AD7767-2 Transfer
Function..........................................................15
Converter Operation.........................................15
Analog Input Structure......................................16
Supply and Reference Voltages.......................16
AD7767 Interface.................................................17
Initial Power-Up................................................ 17
Reading Data................................................... 17
Power-Down, Reset, and Synchronization.......17
Daisy Chaining.................................................... 18
Reading Data in Daisy-Chain Mode................. 18
Choosing the SCLK Frequency........................18
Daisy-Chain Mode Configuration and
Timing Diagrams............................................ 19
Driving the AD7767............................................. 20
Differential Signal Source.................................20
Single-Ended Signal Source............................ 20
Antialiasing.......................................................21
Power Dissipation.............................................21
VREF+ Input Signal............................................22
Multiplexing Analog Input Channels.................22
Outline Dimensions............................................. 23
Ordering Guide.................................................23
Evaluation Boards............................................ 23
REVISION HISTORY
6/2024—Rev. C to Rev. D
Changed Master to Main (Throughout)............................................................................................................1
Changes to Features Section.......................................................................................................................... 1
Moved General Description Section................................................................................................................ 3
Change to Specifications Section.................................................................................................................... 4
Changes to Group Delay Parameter and Settling Time (Latency) Parameter, Table 2................................... 4
Changes to tSETTLING Parameter, Table 3........................................................................................................ 6
Changes to Typical Performance Characteristics Section............................................................................. 10
Changes to Table 7........................................................................................................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com