Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762/ Datasheet(PDF) 17 Page - Analog Devices

Part # AD7762/
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762/ Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7762/ Datasheet HTML 13Page - Analog Devices AD7762/ Datasheet HTML 14Page - Analog Devices AD7762/ Datasheet HTML 15Page - Analog Devices AD7762/ Datasheet HTML 16Page - Analog Devices AD7762/ Datasheet HTML 17Page - Analog Devices AD7762/ Datasheet HTML 18Page - Analog Devices AD7762/ Datasheet HTML 19Page - Analog Devices AD7762/ Datasheet HTML 20Page - Analog Devices AD7762/ Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Data Sheet
AD7767
AD7767 INTERFACE
analog.com
Rev. D | 17 of 23
The AD7767 provides the user with a flexible serial interface, ena-
bling the user to implement the most desirable interfacing scheme
for their application. The AD7767 interface comprises seven differ-
ent signals. Five of these signals are inputs: MCLK, CS, SYNC/PD,
SCLK, and SDI. The other two signals are outputs: DRDY and
SDO.
INITIAL POWER-UP
On initial power-up, apply a continuous MCLK signal. It is recom-
mended that the user reset the AD7767 to clear the filters and
ensure correct operation. The reset is completed as shown in
Figure 5, with all events occurring relative to the rising edge of
MCLK. A negative pulse on the SYNC/PD input initiates the reset,
and the DRDY output switches to logic high and remains high
until valid data is available. Following the power-up of the AD7767
by transitioning the SYNC/PD pin to logic high, a settling time is
required before valid data is output by the device. This settling time,
tSETTLING, is a function of the MCLK frequency and the decimation
rate. Table 7 lists the settling time of each AD7767 model and
should be referenced when reviewing Figure 5.
Table 7. Filter Settling Time After SYNC/PD
Model
Decimation Rate
tSETTLING1
AD7767
8
(590 × tMCLK) + t21
AD7767-1
16
(1180 × tMCLK) + t21
AD7767-2
32
(2357 × tMCLK) + t21
1 tSETTLING is measured from the first MCLK rising edge after the rising edge of
SYNC/PD to the falling edge of DRDY .
READING DATA
The AD7767 outputs its data conversion results in an MSB-first,
twos complement, 24-bit format on the serial data output pin
(SDO). MCLK is the main clock, which controls all the AD7767
conversions. The SCLK is the serial clock input for the device. All
data transfers take place with respect to the SCLK signal.
The DRDY line is used as a status signal to indicate when the data
is available to be read from the AD7767. The falling edge of DRDY
indicates that a new data-word is available in the output register of
the device. DRDY stays low during the period that output data is
permitted to be read from the SDO pin. The DRDY signal returns
to logic high to indicate when not to read from the device. Ensure
that a data read is not attempted during this period while the output
register is being updated.
The AD7767 offers the option of using a chip select input signal
(CS) in its data read cycle. The CS signal is a gate for the SDO
pin and allows many AD7767 devices to share the same serial bus.
It acts as an instruction signal to each of these devices indicating
permission to use the bus. When CS is logic high, the SDO line of
the AD7767 is tristated.
There are two distinct patterns that can be initiated to read data
from the AD7767 device: a pattern for when the CS falling edge
occurs after the DRDY falling edge and a pattern for when the CS
falling edge occurs before the DRDY falling edge (when CS is set to
logic low).
When the CS falling edge occurs after the DRDY falling edge, the
MSB of the conversion result is available on the SDO line on the
CS falling edge. The remaining bits of the conversion result (MSB −
1, MSB − 2, and so on) are clocked onto the SDO line by the falling
edges of SCLK that follow the CS falling edge. Figure 3 details this
interfacing scheme.
When CS is tied low, the AD7767 serial interface can operate in
3-wire mode as shown in Figure 4. In this case, the MSB of the
conversion result is available on the SDO line on the falling edge
of DRDY. The remaining bits of the data conversion result (MSB
− 1, MSB − 2, and so on) are clocked onto the SDO line by the
subsequent SCLK falling edges.
POWER-DOWN, RESET, AND
SYNCHRONIZATION
The AD7767 SYNC/PD pin allows the user to synchronize multiple
AD7767 devices. This pin also allows the user to reset and power
down the AD7767 device. These features are implemented relative
to the rising edges of MCLK and are shown in Figure 5, marked as
A, B, C, and D.
To power down, reset, or synchronize a device, the AD7767
SYNC/PD pin should be taken low. On the first rising edge of
MCLK, the AD7767 is powered down. The DRDY pin transitions
to logic high, indicating that the data in the output register is no
longer valid. The status of the SYNC/PD pin is checked on each
subsequent rising edge of MCLK. On the first rising edge of MCLK
after the SYNC/PD pin is taken high, the AD7767 is taken out of
power-down. On the next rising edge, the filter of the AD7767 is
reset. On the following rising edge, the first new sample is taken.
A settling time, tSETTLING, from the filter reset must elapse before
valid data is output by the device (see Table 7). The DRDY output
goes logic low after tSETTLING to indicate when valid data is availa-
ble on SDO for readback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com