Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7762/ Datasheet(PDF) 22 Page - Analog Devices

Part # AD7762/
Description  24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7762/ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7762/ Datasheet HTML 15Page - Analog Devices AD7762/ Datasheet HTML 16Page - Analog Devices AD7762/ Datasheet HTML 17Page - Analog Devices AD7762/ Datasheet HTML 18Page - Analog Devices AD7762/ Datasheet HTML 19Page - Analog Devices AD7762/ Datasheet HTML 20Page - Analog Devices AD7762/ Datasheet HTML 21Page - Analog Devices AD7762/ Datasheet HTML 22Page - Analog Devices AD7762/ Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
Data Sheet
AD7767
DRIVING THE AD7767
analog.com
Rev. D | 22 of 23
VREF+ INPUT SIGNAL
The AD7767/AD7767-1/AD7767-2 VREF + pin is supplied with a
voltage in the range of 2.4 V to 2 × AVDD (nominally 5 V). It is
recommended that the VREF+ input be generated by a low noise
voltage reference. Examples of such references are the ADR445,
ADR435, ADR425 (5 V output), and ADR421 (2.5 V output). Typical
reference supply circuits are shown in Figure 46.
The reference voltage input pin (VREF+) also acts as a power supply
to the AD7767/AD7767-1/AD7767-2 device. For a 5 V VREF+ input,
a full-scale input of 5 V on both VIN+ and VIN− can be applied while
voltage supplies to pins AVDD remain at 2.5 V. This configuration
reduces the number of different supplies required.
The output of the low noise voltage reference does not require a
buffer; however, decoupling the output of the low noise reference
is important. Place a 0.1 µF capacitor at the output of the voltage
reference devices (ADR445, ADR435, ADR425, and ADR421) and
follow the decoupling advice provided for the reference device
chosen.
As mentioned, the nominal supply to the VREF+ pin is 5 V to achieve
the full dynamic range available. When a 2.5 V VREF+ input is used
(that is, in low power applications), the signal-to-noise ratio and
dynamic range figures (generated using a 5 V VREF+ input) quoted
in the Specifications section decrease by 6 dB, a direct result of
halving the available input range.
The AD7767/AD7767-1/AD7767-2 device requires a 100 µF capac-
itor to ground, which acts as a decoupling capacitor and as a
reservoir of charge for the VREF+ pin. Place this capacitor as close
to the AD7767/AD7767-1/AD7767-2 device as possible. Reducing
the value of this capacitor (C40 in Figure 46) to 10 µF typically
degrades noise performance by 1 dB. C40 can be an electrolytic or
tantalum capacitor.
Figure 46. AD7767/AD7767-1/AD7767-2 Reference Input Configuration
MULTIPLEXING ANALOG INPUT CHANNELS
The AD7767/AD7767-1/AD7767-2 can be used with a multiplexer
configuration. As per any converter that uses a digital filtering block,
the maximum switching rate or the output data rate per channel is a
function of the digital filter settling time.
A user multiplexing the analog inputs to a converter that employs
a digital filter must wait the full digital filter settling time before a
valid conversion result can be achieved; after this settling time, the
channel can be switched. Then, the full settling time must again be
observed before a valid conversion result is available and the input
is switched once more.
The AD7767 filter settling time equals 74 divided by the output data
rate in use. The maximum switching frequency in a multiplexed
application is, therefore, 1/(74/ODR), where the output data rate
(ODR) is a function of the applied MCLK frequency and the decima-
tion rate employed by the device in question. For example, applying
a 1.024 MHz MCLK frequency to the AD7767 results in a maximum
output data rate of 128 kHz, which in turn allows a 1.729 kHz
multiplexer switching rate.
The AD7767-1 and the AD7767-2 employ digital filters with longer
settling time to achieve greater precision; thus, the maximum
switching frequency for these devices is 864 Hz and 432 Hz,
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com