Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9112 Datasheet(PDF) 47 Page - Analog Devices

Part # ADE9112
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9112 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADE9112 Datasheet HTML 43Page - Analog Devices ADE9112 Datasheet HTML 44Page - Analog Devices ADE9112 Datasheet HTML 45Page - Analog Devices ADE9112 Datasheet HTML 46Page - Analog Devices ADE9112 Datasheet HTML 47Page - Analog Devices ADE9112 Datasheet HTML 48Page - Analog Devices ADE9112 Datasheet HTML 49Page - Analog Devices ADE9112 Datasheet HTML 50Page - Analog Devices ADE9112 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
REGISTER SUMMARY
analog.com
Rev. A | 47 of 55
In Table 19, R means a register can be read, W means a register can be written, and W1C means write 1 to clear.
Table 19. Register Summary
Address
Name
Description
Default Value
Access
0x001
SWRST
Software Reset.
0x00
W
0x002
CONFIG0
ADC Configuration.
0x02
R/W
0x003
CONFIG_FILT
Digital Filter Configuration.
0x00
R/W
0x005
CONFIG_ISO_ACC
Enable Access to Isolated (ISO) Register Space. The ISO side is Pin 1 to Pin 14.
0x00
R/W
0x006
CRC_RESULT_HI
Background Register Map CRC Most Significant Byte.
0xDD
R
0x007
CRC_RESULT_LO
Background Register Map CRC Least Significant Byte.
0x8D
R
0x008
EFUSE_REFRESH
eFuse Refresh.
0x00
R/W
0x009
EMI_CONFIG
Configure Isolation Frequency Hopping Method.
0x03
R/W
0x00A
EMI_HI_MASK
Emissions Mask, High Frequency Bounds.
0x00
R/W
0x00B
EMI_LO_MASK
Emissions Mask, Low Frequency Bounds.
0x00
R/W
0x00C
EMI_HI_LIMIT
Factory Stored High Frequency Limit. Corresponds to emissions at 420 MHz.
0x00
R
0x00D
EMI_MID_LIMIT
Factory Stored Center Frequency Value. Corresponds to emissions at 360 MHz.
0x00
R
0x00E
EMI_LO_LIMIT
Factory Stored Low Frequency Limit. Corresponds to emissions at 300 MHz.
0x00
R
0x00F
MASK0
Interrupt Mask 0 Register. Mask register for STATUS0.
0x00
R/W
0x010
MASK1
Interrupt Mask 1 Register. Mask register for STATUS1.
0x00
R/W
0x011
MASK2
Interrupt Mask 2 Register. Mask register for STATUS2.
0x10
R/W
0x012
CONFIG_ZX
Zero-Crossing Configuration.
0x00
R/W
0x013
SCRATCH
Software Debug Register for Testing SPI R/W.
0x00
R/W
0x014
SYNC_SNAP
ADC Synchronization Register.
0x00
R/W
0x017
SNAPSHOT_COUNT_HI
System Timing Controller Counter Most Significant Byte.
0x00
R
0x018
SNAPSHOT_COUNT_LO
System Timing Controller Counter Least Significant Byte.
0x00
R
0x01F
WR_LOCK
Configuration Lock Register.
0x5E
R/W
0x020
STATUS0
Latched Status of High Priority Interrupts.
0x00
R/W
0x021
STATUS1
Latched Status of Low Priority Interrupts.
0x00
R/W
0x022
STATUS2
Latched Status of Isolated ADC Interrupts.
0x00
R/W
0x023
COM_FLT_TYPE
ISO to NONISO Communications Fault Type.
0x00
R
0x024
COM_FLT_COUNT
ISO to NONISO Communications Fault Count.
0x00
R
0x025
CONFIG_CRC
Configuration of Background Register Map CRC.
0x00
R/W
0x026
I_WAV_HI
Current Channel Waveform Data Most Significant Byte.
0x00
R/W
0x027
I_WAV_MD
Current Channel Waveform Data Middle Byte.
0x00
R/W
0x028
I_WAV_LO
Current Channel Waveform Data Least Significant Byte.
0x00
R/W
0x029
V1_WAV_HI
V1 Channel Waveform Data Most Significant Byte.
0x00
R/W
0x02A
V1_WAV_MD
V1 Channel Waveform Data Middle Byte.
0x00
R/W
0x02B
V1_WAV_LO
V1 Channel Waveform Data Least Significant Byte.
0x00
R/W
0x02C
V2_WAV_HI
V2 Channel Waveform Data Most Significant Byte.
0x00
R/W
0x02D
V2_WAV_MD
V2 Channel Waveform Data Middle Byte.
0x00
R/W
0x02E
V2_WAV_LO
V2 Channel Waveform Data Least Significant Byte.
0x00
R/W
0x075
UNIQUE_PART_ID_5
Unique Part ID Most Significant Byte (Byte 5).
0x00
R
0x076
UNIQUE_PART_ID_4
Unique Part ID Byte 4.
0xXX1
R
0x077
UNIQUE_PART_ID_3
Unique Part ID Byte 3.
0xXX1
R
0x078
UNIQUE_PART_ID_2
Unique Part ID Byte 2.
0xXX1
R
0x079
UNIQUE_PART_ID_1
Unique Part ID Byte 1.
0xXX1
R
0x07A
UNIQUE_PART_ID_0
Unique Part ID Least Significant Byte (Byte 0).
0xXX1
R
0x07D
SILICON_REVISION
Revision Value of ISO and NONISO Silicon.
0x322
R
0x07E
VERSION_PRODUCT
Product Version Identifier.
0x00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com