Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9112 Datasheet(PDF) 15 Page - Analog Devices

Part # ADE9112
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9112 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADE9112 Datasheet HTML 11Page - Analog Devices ADE9112 Datasheet HTML 12Page - Analog Devices ADE9112 Datasheet HTML 13Page - Analog Devices ADE9112 Datasheet HTML 14Page - Analog Devices ADE9112 Datasheet HTML 15Page - Analog Devices ADE9112 Datasheet HTML 16Page - Analog Devices ADE9112 Datasheet HTML 17Page - Analog Devices ADE9112 Datasheet HTML 18Page - Analog Devices ADE9112 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 15 of 55
Table 11. ADE9103 Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
23
VLDOOUT
1.8 V Output of Digital LDO Regulator. Decouple the VLDOOUT pin with a 4.7 µF capacitor in parallel with a ceramic 100 nF
capacitor to DGND, Pin 25. Do not connect the external load circuitry to the VLDOOUT pin.
26
XTALOUT
Crystal Output. A crystal must be chosen based on the transconductance (gm) in Table 2. The crystal is connected across
the XTALIN and XTALOUT pins to provide a clock source for the ADE9103. The XTALOUT pin must float when unused.
27
XTALIN
Main Clock Input. An external clock can be provided at this logic input. The CLKOUT signal of another appropriately
configured ADE9103/ADE9112/ADE9113 (see the Synchronizing Multiple ADE9103/ADE9112/ADE9113 Devices section for
details) can be provided at the XTALIN pin. Alternatively, a crystal can be connected across XTALIN and XTALOUT to
provide a clock source for the ADE9103. See the Crystal Oscillator/External Clock section for more details.
28
RESET
Active Low Reset Input. To initiate a hardware reset, this pin must be brought low for a minimum of 1.5 μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com