Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9112 Datasheet(PDF) 17 Page - Analog Devices

Part # ADE9112
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9112 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADE9112 Datasheet HTML 13Page - Analog Devices ADE9112 Datasheet HTML 14Page - Analog Devices ADE9112 Datasheet HTML 15Page - Analog Devices ADE9112 Datasheet HTML 16Page - Analog Devices ADE9112 Datasheet HTML 17Page - Analog Devices ADE9112 Datasheet HTML 18Page - Analog Devices ADE9112 Datasheet HTML 19Page - Analog Devices ADE9112 Datasheet HTML 20Page - Analog Devices ADE9112 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 17 of 55
Table 12. ADE9112 and ADE9113 Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
ADE9112
ADE9113
17
17
CLKOUT/DREADY
Clock Output (CLKOUT). When CLKOUT functionality is selected (see the Synchronizing Multiple
ADE9103/ADE9112/ADE9113 Devices section for details), the ADE9112 and ADE9113 generate
a digital signal synchronous to the main clock at the XTALIN pin. Use CLKOUT to provide
a clock to the other ADE9112 and ADE9113 devices on the board. Data Ready, Active Low
(DREADY). When DREADY functionality is selected (see the Synchronizing Multiple ADE9103/
ADE9112/ADE9113 Devices section for details), the ADE9112 and ADE9113 generate an active
low signal synchronous to the ADC output frequency. Use this signal to start reading the ADC
outputs of the ADE9112 and ADE9113.
18, 25
18, 25
DGND
Ground Reference.
19
19
MOSI
Data Input for the SPI Port.
20
20
MISO
Data Output for the SPI Port. Attach a 10 kΩ pull-up resistor to the VDD supply voltage for
increased EMC robustness.
21
21
SCLK
Serial Clock Input for the SPI Port. All serial data transfers are synchronized to this clock (see
Table 3 for SPI interface timing parameters and SPI Compatible Communication section for
additional SPI port details).
22
22
CS
Chip Select for SPI Port (Active Low).
23
23
VLDOOUT
1.8 V Output of Digital LDO Regulator. Decouple the VLDOOUT pin with a 4.7 µF capacitor in
parallel with a ceramic 100 nF capacitor to DGND, Pin 25. Do not connect the external load
circuitry to the VLDOOUT pin.
24
24
VDD
Primary Supply Voltage. The VDD pin provides the supply voltage for the and ADE9113. Maintain
the supply voltage at 3.3 V ± 10% for specified operation. Decouple the VDD pin to DGND, Pin
25, with a 4.7 µF capacitor in parallel with a ceramic 100 nF capacitor.
26
26
XTALOUT
Crystal Output. A crystal must be chosen based on the transconductance (gm) in Table 2.The
crystal is connected across the XTALIN and XTALOUT pins to provide a clock source for the
ADE9112 and ADE9113. The XTALOUT pin must float when unused.
27
27
XTALIN
Main Clock Input. An external clock can be provided at this logic input. The CLKOUT signal of
another appropriately configured ADE9103/ADE9112/ADE9113 (see the Synchronizing Multiple
ADE9103/ADE9112/ADE9113 Devices section for details) can be provided at the XTALIN pin.
Alternatively, a crystal can be connected across the XTALIN and XTALOUT pins to provide a
clock source for the ADE9112 and ADE9113. See the Crystal Oscillator/External Clock section for
more details.
28
28
RESET
Active Low Reset Input. To initiate a hardware reset, the RESET pin must be brought low for a
minimum of 1.5 μs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com