Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9112 Datasheet(PDF) 25 Page - Analog Devices

Part # ADE9112
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9112 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADE9112 Datasheet HTML 21Page - Analog Devices ADE9112 Datasheet HTML 22Page - Analog Devices ADE9112 Datasheet HTML 23Page - Analog Devices ADE9112 Datasheet HTML 24Page - Analog Devices ADE9112 Datasheet HTML 25Page - Analog Devices ADE9112 Datasheet HTML 26Page - Analog Devices ADE9112 Datasheet HTML 27Page - Analog Devices ADE9112 Datasheet HTML 28Page - Analog Devices ADE9112 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
THEORY OF OPERATION
analog.com
Rev. A | 25 of 55
higher frequencies where it can be removed by the digital LPF. This
noise shaping is shown in Figure 33.
Figure 33. Noise Reduction due to Oversampling and Noise Shaping in the
Analog Modulator
The bandwidth of interest is a function of the input clock frequency
and the ADC output frequency (selectable by the CONFIG_FILT
register, see the ADC Output Values section for details).
Antialiasing Filter
Figure 32 shows an analog LPF (RC) on the input to the ADC. This
filter is placed outside of the ADE9103/ADE9112/ADE9113, and its
role is to prevent aliasing. Aliasing is an artifact of all sampled
systems, as shown in Figure 34. Aliasing refers to the frequency
components in the input signal to the ADC that are higher than
half the sampling rate of the ADC and appear in the sampled
signal at a frequency less than half the sampling rate. Frequency
components more than half the sampling frequency (also known
as the Nyquist frequency, that is, 512 kHz) are imaged or folded
back down to less than 512 kHz, which happens with all ADCs,
regardless of the architecture. In Figure 34, only frequencies near
the sampling frequency of 1.024 MHz move into the bandwidth
of interest for metering, that is, 40 Hz to 3.3 kHz, or 40 Hz to
2 kHz. To attenuate the high frequency noise (near 1.024 MHz)
and prevent the distortion of the bandwidth of interest, a LPF must
be introduced. It is recommended that one RC filter with a corner
frequency of 7 kHz be used for the attenuation to be sufficiently
high at the sampling frequency of 1.024 MHz. The 20 dB per
decade attenuation of this filter is usually sufficient to eliminate the
effects of aliasing.
Figure 34. Aliasing Effects
ADC Transfer Function
All ADCs in the ADE9103/ADE9112/ADE9113 produce signed 24-
bit output codes. With a full-scale input signal of ±31.25 mV on
the current channel and ±1000 mV on the voltage channels, and
with an internal reference of 1.25 V, the ADC output code is
nominally 6,710,886 and based on the gain error, varies for each
ADE9103/ADE9112/ADE9113 around this value. Do not exceed the
nominal range of ±31.25 mV for the current channel and ±1000
mV differentially (±500 mV pseudo differentially) for the voltage
channels; ADC performance is guaranteed only for input signals
within these limits.
Approximate Output Code=VxP−VxM
VREF ×223 (1)
Approximate Output Code=32×IP−IMVREF×223 (2)
ADC Output Values
The signed 24-bit ADC output values are each stored in three
subsequent registers. The current channel ADC outputs are stored
in the I_WAV bits, Bits[23:0], the V1 voltage channel ADC outputs in
the V1_WAV bits, Bits[23:0], and the V2 voltage channel outputs in
the V2_WAVbits, Bits[23:0], see Table 19. The output frequency is
32 kHz (XTALIN/512), 8 kHz (XTALIN/2048), 4 kHz (XTALIN/4096),
2 kHz (XTALIN/8192), or 1 kHz (XTALIN/16384), and XTALIN is
16.384 MHz.
The microcontroller reads the ADC output registers one at a time
in a short transaction or all at once in a long transaction. See
the SPI Long Format Operation section and the SPI Short Format
Operation section for more information.
REFERENCE VOLTAGE
The nominal reference voltage at the REFOUT pin is 1.25 V. This
reference voltage is used for the ADCs in the ADE9103/ADE9112/
ADE9113. Because the on-chip dc-to-dc converter cannot supply
external loads, the REFOUT pin of the ADE9112 and ADE9113
cannot be overdriven by a standalone external voltage reference.
The voltage of the ADE9103/ADE9112/ADE9113 reference drifts
slightly with temperature. Table 2 lists the gain drift over tempera-
ture specification of each ADC channel. This value includes the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com