Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9112 Datasheet(PDF) 9 Page - Analog Devices

Part # ADE9112
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9112 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADE9112 Datasheet HTML 5Page - Analog Devices ADE9112 Datasheet HTML 6Page - Analog Devices ADE9112 Datasheet HTML 7Page - Analog Devices ADE9112 Datasheet HTML 8Page - Analog Devices ADE9112 Datasheet HTML 9Page - Analog Devices ADE9112 Datasheet HTML 10Page - Analog Devices ADE9112 Datasheet HTML 11Page - Analog Devices ADE9112 Datasheet HTML 12Page - Analog Devices ADE9112 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
SPECIFICATIONS
analog.com
Rev. A | 9 of 55
Table 2. Specifications (Continued)
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Internal Feedback Resistance Between XTALIN and
XTALOUT
2.7
MΩ
Transconductance (gm)
6
10
mA/V
CLKOUT Delay
15
ns
LOGIC INPUTS—MOSI, SCLK, and CS
Input High Voltage, VINH
2.0
V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
8.5
μA
Input Capacitance, CIN
10
pF
LOGIC OUTPUTS—CLKOUT/DREADY AND MISO
Output High Voltage, VOH
2.4
V
Source current (ISOURCE) = 3.5 mA
Output Low Voltage, VOL
0.4
V
Sink current (ISINK) = 3.5 mA
1 Guaranteed by design and not subject to production test.
2 For the ADE9103 only.
3 For the ADE9112/ADE9113 only.
4 V1 refers to V1 voltage channel (V1P and V1M pins), V2 refers to V2 voltage channel (V2P and V2M pins), and I refers to current channel (IP and IM pins).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com