Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9112 Datasheet(PDF) 22 Page - Analog Devices

Part # ADE9112
Description  Isolated, Sigma-Delta ADCs with SPI
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9112 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADE9112 Datasheet HTML 18Page - Analog Devices ADE9112 Datasheet HTML 19Page - Analog Devices ADE9112 Datasheet HTML 20Page - Analog Devices ADE9112 Datasheet HTML 21Page - Analog Devices ADE9112 Datasheet HTML 22Page - Analog Devices ADE9112 Datasheet HTML 23Page - Analog Devices ADE9112 Datasheet HTML 24Page - Analog Devices ADE9112 Datasheet HTML 25Page - Analog Devices ADE9112 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 55 page
background image
Data Sheet
ADE9103/ADE9112/ADE9113
TERMINOLOGY
analog.com
Rev. A | 22 of 55
Signal Voltage Range Between the IP and IM,
V1P and V1M, and V2P and V2M Pins
The ADE9103 and ADE9113 contain three fully-differential ADCs,
while the ADE9112 has two fully-differential ADCs, allowing flexibil-
ity in terms of the measurement and how the ADCs are used.
The application typically uses a shunt sensor for the current and
a potential divider for the voltage, which means that the signal
applied at the input can be seen as pseudo differential. The input
range on the current channel represents the peak-to-peak pseudo
differential voltage that must be applied to the ADC to generate
a full-scale response when the IM pin is connected to AGND, Pin
11. The input range on the voltage channel is represented in two
ways: differential, where a signal is applied to both VxP and VxM to
generate a full-scale response, and pseudo differential, where the
signal is only applied to the VxP pin to generated a ½ of full-scale
response when the VxM pin is connected to AGND. When psuedo
differential, the IM and VxM pins are connected to AGND using
antialiasing filters. Figure 28 illustrates the input voltage range
between IP and IM, and Figure 29 illustrates the input voltage range
between V1P and V1M and between V2P and V2M.
Figure 28. Pseudo Differential Input Voltage Range Between the IP and IM
Pins
Figure 29. Pseudo Differential Input Voltage Range Between the V1P and V1M
Pins and Between the V2P and V2M Pins
Maximum VxM and IM Voltage Range
This range represents the maximum allowed voltage at the V1P,
V1M, V2P, IP, and IM pins relative to AGND, Pin 11 on the
ADE9112 and ADE9113, or DGND, Pin 11 on the ADE9103.
Crosstalk
Crosstalk represents the leakage of signals, usually via the capac-
itance between circuits. Crosstalk is measured in the current chan-
nel by setting the IP and IM pins to the local ground reference, Pin
11, supplying a full-scale differential voltage between the V1P and
V1M voltage channel pins and between the V2P and V2M voltage
channel pins, and measuring the output of the current channel. It is
measured in the V1 voltage channel by setting the V1P and V1M
pins to the local ground reference, Pin 11, supplying a full-scale
differential voltage between the IP and IM pins and between the
V2P and V2M pins, and measuring the output of the V1 voltage
channel. Crosstalk is measured in the V2 voltage channel by setting
the V2P and V2M pins to the local ground reference, Pin 11,
supplying a full-scale differential voltage between the IP and IM pins
and between the V1P and V1M pins, and measuring the output of
the V2 voltage channel. Crosstalk is equal to the ratio between the
grounded ADC output value and the ADC full-scale output value.
The ADC outputs are acquired for 2 sec. Crosstalk is expressed in
decibels.
Input Impedance to Ground (DC)
The input impedance to ground represents the impedance meas-
ured at each ADC input pin (IP, IM, V1P, V2P, V1M, and V2M)
with respect to AGND, Pin 11 on the ADE9112 and ADE9103, and
DGND, Pin 11 on the ADE9103.
ADC Offset
The ADC offset error is the average measured ADC output code
with both inputs connected to AGND of the ADE9112 and ADE9113
and DGND of the ADE9103.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com