Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+T Datasheet(PDF) 104 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 104 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 100Page - Analog Devices ADE9178GTL+T Datasheet HTML 101Page - Analog Devices ADE9178GTL+T Datasheet HTML 102Page - Analog Devices ADE9178GTL+T Datasheet HTML 103Page - Analog Devices ADE9178GTL+T Datasheet HTML 104Page - Analog Devices ADE9178GTL+T Datasheet HTML 105Page - Analog Devices ADE9178GTL+T Datasheet HTML 106Page - Analog Devices ADE9178GTL+T Datasheet HTML 107Page - Analog Devices ADE9178GTL+T Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 104 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
3
BIDIPHALF
Phase B Current Dip Condition
Detected. This bit is set when
the phase B current is in the
dip condition and is zero when
it is not in a dip condition, as
calculated by RMSHALF.
0x0
R/W1C
2
BVDIPHALF
Phase B Voltage Dip Condition
Detected. This bit is set when
the phase B voltage is in the
dip condition and is zero when
it is not in a dip condition, as
calculated by RMSHALF.
0x0
R/W1C
1
AIDIPHALF
Phase A Current Dip Condition
Detected. This bit is set when
the phase A current is in the
dip condition and is zero when
it is not in a dip condition, as
calculated by RMSHALF.
0x0
R/W1C
0
AVDIPHALF
Phase A Voltage Dip Condition
Detected. This bit is set when
the phase A voltage is in the
dip condition and is zero when
it is not in a dip condition, as
calculated by RMSHALF.
0x0
R/W1C
0x404
ERROR_STATUS
[31:23]
RESERVED
Reserved.
0x0
R
22
ERROR7
Internal Error. Reset ADE9178
and ADCs.
0x0
R/W1C
21
ERROR6
Internal Error. Reset ADE9178
and ADCs.
0x0
R/W1C
20
ADC3_STATUS2
ADC3 STATUS2. This bit is
set when one or more bits of
STATUS2 register of ADC3 are
set.
0x0
R/W1C
19
ADC3_STATUS1
ADC3 STATUS1. This bit is
set when one or more bits of
STATUS1 register of ADC3 are
set.
0x0
R/W1C
18
ADC3_STATUS0
ADC3 STATUS0. This bit is
set when one or more bits of
STATUS0 register of ADC3 are
set.
0x0
R/W1C
17
ADC2_STATUS2
ADC2 STATUS2. This bit is
set when one or more bits of
STATUS2 register of ADC2 are
set.
0x0
R/W1C
16
ADC2_STATUS1
ADC2 STATUS1. This bit is
set when one or more bits of
STATUS1 register of ADC2 are
set.
0x0
R/W1C
15
ADC2_STATUS0
ADC2 STATUS0. This bit is
set when one or more bits of
STATUS0 register of ADC2 are
set.
0x0
R/W1C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com