Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE9178GTL+T Datasheet(PDF) 107 Page - Analog Devices

Part # ADE9178GTL+T
Description  Energy Management DSP with PEN Fault Detection
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE9178GTL+T Datasheet(HTML) 107 Page - Analog Devices

Back Button ADE9178GTL+T Datasheet HTML 103Page - Analog Devices ADE9178GTL+T Datasheet HTML 104Page - Analog Devices ADE9178GTL+T Datasheet HTML 105Page - Analog Devices ADE9178GTL+T Datasheet HTML 106Page - Analog Devices ADE9178GTL+T Datasheet HTML 107Page - Analog Devices ADE9178GTL+T Datasheet HTML 108Page - Analog Devices ADE9178GTL+T Datasheet HTML 109Page - Analog Devices ADE9178GTL+T Datasheet HTML 110Page - Analog Devices ADE9178GTL+T Datasheet HTML 111Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 122 page
background image
Data Sheet
ADE9178
REGISTER DETAILS: ADE9178
analog.com
Rev. A | 107 of 122
Table 34. ADE9178 Register Details (Continued)
Addr
Name
Bits
Bit Name
Settings
Description
Reset
Access
to enable an interrupt when a
zero crossing is detected on
the phase B voltage channel.
19
ZXAV
Phase A Voltage Zero Crossing
Detected Mask. Set this bit
to enable an interrupt when a
zero crossing is detected on
the phase A voltage channel.
0x0
R/W
18
ZXTOCV
Phase C Voltage Zero-
Crossing Timeout Mask. Set
this bit to enable an interrupt
when there is a zero-crossing
timeout on phase C. This
means that a zero crossing on
the phase C voltage is missing.
0x0
R/W
17
ZXTOBV
Phase B Voltage Zero-Crossing
Timeout Mask. Set this bit to
enable an interrupt when there
is a zero-crossing timeout on
phase B. This means that a
zero crossing on the phase B
voltage is missing.
0x0
R/W
16
ZXTOAV
Phase A Voltage Zero-Crossing
Timeout Mask. Set this bit to
enable an interrupt when there
is a zero-crossing timeout on
phase A. This means that a
zero crossing on the phase A
voltage is missing.
0x0
R/W
15
SEQERR
Phase Sequence Error
Occurred on Voltage Zero
Crossings. Set this bit to
enable an interrupt when zero
crossings on three voltage
phases does not follow phase
A − phase B − phase C
sequence.
0x0
R/W
14
RSTDONE
Reset Completed and Ready
for SPI Communication. Set
this bit to enable an interrupt
when the reset is complete
and board is ready for SPI
communication.
0x1
R
13
CRC_CHG
CRC Changed Mask. Set this
bit to enable an interrupt if
any of the registers monitored
by the configuration register
CRC change value. The
CRC_RSLT register holds the
new configuration register CRC
value.
0x0
R/W
12
VANLOAD
Total Apparent Energy No Load
Condition Changed Mask. Set
this bit to enable an interrupt
when one or more phase of
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com