Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZA-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADL6331ACCZA-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZA-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADL6331ACCZA-R7 Datasheet HTML 27Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 28Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 29Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 30Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 31Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
Data Sheet
ADL6331
PROGRAMMABILITY GUIDE
analog.com
Rev. B | 31 of 54
Table 13. Register 0x10B: State B (Continued)
Bits
Bit Name
Description
Reset
Access
16: 16 dB
...
24: 24 dB
Table 14. Register 0x10C: State C
Bits
Bit Name
Description
Reset
Access
7
AMP2_BYPASS2
Amplifier 2 bypass State C setting
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
6
AMP1_BYPASS2
Amplifier 1 bypass State C setting
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
[5:0]
DSA_ATTN2
DSA attenuator State C setting
0x8
R/W
0: 0 dB
1: 1 dB
...
8: 8 dB
...
24: 24 dB
Table 15. Register 0x10D: State D
Bits
Bit Name
Description
Reset
Access
7
AMP2_BYPASS3
Amplifier 2 bypass State D setting
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
6
AMP1_BYPASS3
Amplifier 1 bypass State D setting
0x0
R/W
0: Fixed gain mode
1: Bypass attenuation mode
[5:0]
DSA_ATTN3
DSA attenuator State D setting
0x0
R/W
0: 0 dB
1: 1 dB
...
24: 24 dB
AUXILIARY MUX OUT/TEMPERATURE
SENSOR
The ADL6331 has multiple auxiliary mux control blocks that allow
various modes of operation and monitoring point. All are available
to the user, but many parameters are used for monitoring during the
manufacturing process by Analog Devices, Inc. The default (reset)
register configuration allows users to monitor an internal voltage
that is proportional to temperature, which can be used to track
temperature changes from MUXOUT Pin 7. If the user does not
need to use the temperature sensor feature, it may be disabled
by setting zeros in AMUX_BG_EN[4] and LDO18_EN[0] at 0x100
register.
NVM (FUSE) SPACE (REFERENCE ONLY)
The non-volatile memory (NVM) space is invisible to the user, but
values from NVM are loaded to Registers 0x140, 0x141, 0x142,
0x143, 0x144, 0x145 (Table 16). These values are used when the
MSB in Register 0x104, Register 0x105, and Register 0x106 for
AMP1 and Register 0x110, Register 0x111, and Register 0x112 for
AMP2 is 1 (default/reset).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com