Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZA-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADL6331ACCZA-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZA-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADL6331ACCZA-R7 Datasheet HTML 31Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 35Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 36Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 37Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 38Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Data Sheet
ADL6331
BASIC CONNECTIONS
analog.com
Rev. B | 35 of 54
Figure 95. Basic Connections
Table 18. Basic Connections
Functional Blocks
Pin No.
Mnemonic
Description
Basic Connection
Chip Address Selection
1, 23, 24
CA2, CA1, CA0
SPI chip address selects
Chip address selection.
Ground
2, 5, 14, 16, 17
GND
Ground
Connect the GND pins to the ground of the
PCB.
RF Input
3, 4
RFINP, RFINN
RF differential input
50 Ω differential input. AC-coupled is al-
ways recommended.
Preprogrammed Mode
6, 13
ATTSEL1, ATTSEL0
Preprogrammed mode selection
MUXOUT
7
MUXOUT
Analog voltage output from the tempera-
ture sensor
Voltage measurement pin for reading chip
temperature. Leave as no connect when
not in use.
3.3 V
8 to 11
V33AMP1A, V33AMP1,
V33AMP2A, V33AMP2
Amplifier, analog supply voltage
Decouple Pin 8 to Pin 11 via 220 pF, 0.1
µF capacitors to ground. Ensure that the
decoupling capacitors are located close to
the pins.
Device Enable
12
ENP
Active-high for normal operation
Decouple Pin 22 via 220 pF, 0.1 µF capaci-
tors to ground. Ensure that the decoupling
capacitors are located close to the pin.
RF Output
15
RFOUT
RF single-ended output
50 Ω single-ended output. AC-coupled is
always recommended.
Serial Port
18
SDO
SPI data input
1.8 V to 3.3 V tolerant logic levels.
19
SDIO
SPI date input and output
1.8 V to 3.3 V tolerant logic levels.
20
SCLK
SPI clock
1.8 V to 3.3 V tolerant logic levels.
21
CSB
Active-low chip select
1.8 V to 3.3 V tolerant logic levels.
3.3 V
22
V33FUSE
Digital, DSA, and other bias voltage
EPAD
Exposed pad
Exposed pad
Exposed pad
Exposed Pad. The exposed pad must be
connected to ground for electrical and ther-
mal purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com