Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZA-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADL6331ACCZA-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZA-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADL6331ACCZA-R7 Datasheet HTML 16Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 17Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 18Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 19Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 20Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 21Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 22Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 23Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Data Sheet
ADL6331
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. B | 20 of 54
ADL6331-B
V33AMP1 = V33AMP1A = V33AMP2 = V33AMP2A = V33FUSE = 3.3 V, TA = 25°C, fixed gain mode, DSA attenuation = 0 dB, RS = 50 Ω differential, and
RL = 50 Ω single-ended, unless otherwise noted. Refer to the AMP1 and AMP2 Trimming and Tuning section for OIP3 optimization.
Figure 53. Gain vs. Frequency, 1.0 dB DSA Steps
Figure 54. Gain vs. Frequency, 1.0 dB DSA Steps, AMP2 Bypass
Figure 55. Gain vs. Frequency, 1.0 dB DSA Steps, AMP1 Bypass
Figure 56. Gain vs. Frequency, 1.0 dB DSA Steps, AMP1 and AMP2 Bypass
Figure 57. Gain vs. Frequency for Various Supplies
Figure 58. Gain vs. Frequency for Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com