Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZA-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADL6331ACCZA-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZA-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADL6331ACCZA-R7 Datasheet HTML 32Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 33Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 34Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 35Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 36Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 37Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 38Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 39Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
Data Sheet
ADL6331
APPLICATIONS INFORMATION
analog.com
Rev. B | 36 of 54
CURRENT CONSUMPTION OPTIMIZATION
When the MSB in Register 0x104, Register 0x105, and Register
0x106 for AMP1 and Register 0x110, Register 0x111, and Register
0x112 for AMP2 are set to 0, these six registers are tunable by
the user. If lesser current consumption is needed, the settings
of both AMP1_IGREF in Register 0x104 and AMP2_IGREF in
Register 0x110 can be reduced according to the readback value
of factory trimmed IGREF in Register 0x140 and Register 0x143
for AMP1 and AMP2, respectively. See Figure 96 and Figure 97.
As a result of reducing AMP1_IGREF and AMP2_IGREF, the OIP3
performance degrades as shown in Figure 98 and Figure 99.
It is not recommended to increase the IGREF settings greater than
the readback value for AMP1 and AMP2 and doing so could impact
the long term reliability of the part.
Figure 96. Total Current vs. IGREF Settings for Various Frequencies
(ADL6331-A)
Figure 97. Total Current vs. IGREF Settings for Various Frequencies
(ADL6331-B)
Figure 98. OIP3 vs. IGREF Settings for Various Frequencies (ADL6331-A)
Figure 99. OIP3 vs. IGREF Settings for Various Frequencies (ADL6331-B)
AC COUPLING
The ESD clamps are located immediately following the input ports
and prior to the output port (see Figure 100). When a DC voltage
greater than or equal to 1.0 V is applied as common mode, there
is a risk of latching the silicon controlled rectifier (SCR) clamps
in the ESD protection block with a single spike. Even with a DC
voltage less than 1 V, intermodulation performance of the part may
be degraded. An external DC block capacitor for AC coupling is
always recommended.
Figure 100. Simplified RF Input and Output Port Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com