Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL6331ACCZA-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL6331ACCZA-R7
Description  0.38 GHz to 15 GHz TxVGA
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL6331ACCZA-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL6331ACCZA-R7 Datasheet HTML 2Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 3Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 4Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 5Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 6Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 7Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 8Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 9Page - Analog Devices ADL6331ACCZA-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
Data Sheet
ADL6331
SPECIFICATIONS
analog.com
Rev. B | 6 of 54
Table 2. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Units
Full Fixed Gain Mode1
OIP2L/OIP2H3
Pin = −22 dBm/tone
55.5/N/A6
dBm
OIP3
Pin = −22 dBm/tone
37.8
dBm
OP1dB
11.5
dBm
NF
6.8
dB
AMP1 Bypass Attenuation Mode2
IIP2L/IIP2H4
Pin = +2 dBm/tone
64.3/N/A6
dBm
IIP3
Pin = +2 dBm/tone
27.1
dBm
IP1dB5
>10
dBm
NF
25.3
dB
NOISE/HARMONIC PERFORMANCE (ADL6331-B)
Input Signal Frequency 1.0 GHz
Full Fixed Gain Mode1
OIP2L/OIP2H
Pin = −22 dBm/tone
55.4/62.7
dBm
OIP3
Pin = −22 dBm/tone
30.1
dBm
OP1dB
12.3
dBm
NF
7.6
dB
AMP1 Bypass Attenuation Mode2
IIP2L/IIP2H
Pin = +2 dBm/tone
61.7/54.6
dBm
IIP3
Pin = +2 dBm/tone
28.1
dBm
IP1dB5
>10
dBm
NF
25.7
dB
Input Signal Frequency 2.0 GHz
Full Fixed Gain Mode1
OIP2L/OIP2H
Pin = −22 dBm/tone
58.2/56.8
dBm
OIP3
Pin = −22 dBm/tone
31.1
dBm
OP1dB
12.9
dBm
NF
7.9
dB
AMP1 Bypass Attenuation Mode2
IIP2L/IIP2H
Pin = +2 dBm/tone
61.2/58.7
dBm
IIP3
Pin = +2 dBm/tone
28.2
dBm
IP1dB5
>10
dBm
NF
25.9
dB
Input Signal Frequency 4.0 GHz
Full Fixed Gain Mode1
OIP2L/OIP2H
Pin = −22 dBm/tone
56.2/51.6
dBm
OIP3
Pin = −22 dBm/tone
31.8
dBm
OP1dB
12.3
dBm
NF
8.1
dB
AMP1 Bypass Attenuation Mode2
IIP2L/IIP2H
Pin = +2 dBm/tone
60.2/69.3
dBm
IIP3
Pin = +2 dBm/tone
27.7
dBm
IP1dB5
>10
dBm
NF
25.9
dB
Input Signal Frequency 8.0 GHz
Full Fixed Gain Mode1
OIP2L/OIP2H
Pin = −22 dBm
51.7/N/A7
dBm
OIP3
Pin = −22 dBm
31.2
dBm
OP1dB
11.2
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com